Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-3020 Fiches technique(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-3020
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3020 Fiches technique(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3020 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Package Characteristics
Parameter
Symbol
Min.
Typ. Max.
Units
Test Conditions
Fig. Note
Input-Output Momentary
VISO
3750
Vrms
TA = 25°C, RH < 50%
8, 9
Withstand Voltage
Input-Output Resistance
RI-O
1012
VI-O = 500 V
9
Input-Output Capacitance
CI-O
0.6
pF
Freq = 1 MHz
Notes:
1. Derate linearly above 70°C free air temperature at a rate of 0.3 mA/°C.
2. Maximum pulse width = 10 µs, maximum duty cycle = 0.2%. This value is intended to allow for component tolerances for designs with IO peak
minimum = 0.2 A. See Application section for additional details on limiting IOL peak.
3. Derate linearly above 85°C, free air temperature at the rate of 4.0 mW/°C.
4. Input power dissipation does not require derating.
5. Maximum pulse width = 50 µs, maximum duty cycle = 0.5%.
6. In this test, VOH is measured with a DC load current. When driving capacitive load VOH will approach VCC as IOH approaches zero amps.
7. Maximum pulse width = 1 ms, maximum duty cycle = 20%.
8. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage >4500 Vrms for 1 second (leakage detec-
tion current limit II-O < 5 µA). This test is performed before 100% production test for partial discharge (method B) shown in the IEC/EN/DIN EN
60747-5-2 Insulation Characteristics Table, if applicable.
9. Device considered a two-terminal device: pins on input side shorted together and pins on output side shorted together.
10. PDD is the difference between tPHL and tPLH between any two parts or channels under the same test conditions.
11. Common mode transient immunity in the high state is the maximum tolerable |dVCM/dt| of the common mode pulse VCM to assure that the
output will remain in the high state (i.e. VO > 6.0 V).
12. Common mode transient immunity in a low state is the maximum tolerable |dVCM/dt| of the common mode pulse,VCM, to assure that the output
will remain in a low state (i.e. VO < 1.0 V).
13. This load condition approximates the gate load of a 1200 V/20 A IGBT.
14. The power supply current increases when operating frequency and Cg of the driven IGBT increases.
Figure 1. VOH vs. temperature.
Figure 2. VOH vs. IOH.
Figure 3. VOL vs. temperature.
-50
-2.5
TA – TEMPERATURE – C
125
-25
0
0
25
75
100
50
-2.0
-1.5
-1.0
-0.5
0
IOH – OUTPUT HIGH CURRENT – A
0
0.2
0.4
-4
-3
-1
-2
-50
0.39
TA – TEMPERATURE – C
125
-25
0.44
0
25
75
100
50
0.40
0.41
0.42
0.43


Numéro de pièce similaire - HCPL-3020

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
260Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Description similaire - HCPL-3020

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com