Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z0103MA Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce Z0103MA
Description  Direct interfacing to logic level ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0103MA Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button Z0103MA Datasheet HTML 5Page - NXP Semiconductors Z0103MA Datasheet HTML 6Page - NXP Semiconductors Z0103MA Datasheet HTML 7Page - NXP Semiconductors Z0103MA Datasheet HTML 8Page - NXP Semiconductors Z0103MA Datasheet HTML 9Page - NXP Semiconductors Z0103MA Datasheet HTML 10Page - NXP Semiconductors Z0103MA Datasheet HTML 11Page - NXP Semiconductors Z0103MA Datasheet HTML 12Page - NXP Semiconductors Z0103MA Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
Z0103MA
4Q Triac
Z0103MA
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
23 August 2013
10 / 13
10. Package outline
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.38
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1(1)
max.
2.5
b1
0.66
0.55
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43A
04-06-28
04-11-16
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3
Fig. 13. Package outline TO-92 (SOT54)


Numéro de pièce similaire - Z0103MA

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
Z0103MA PHILIPS-Z0103MA Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0103MA STMICROELECTRONICS-Z0103MA Datasheet
74Kb / 8P
   1A TRIACS
Z0103MA STMICROELECTRONICS-Z0103MA Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0103MA NXP-Z0103MA Datasheet
183Kb / 12P
   Logic level four-quadrant triac
Rev. 4-18 March 2011
logo
ON Semiconductor
Z0103MA ONSEMI-Z0103MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
More results

Description similaire - Z0103MA

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
MAC97A8-412 PHILIPS-MAC97A8-412 Datasheet
182Kb / 13P
   Direct interfacing to logic level ICs
7 November 2013
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA0 NXP-Z0103MA0 Datasheet
174Kb / 13P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
logo
Silikron Semiconductor ...
BSS138 SILIKRON-BSS138 Datasheet
414Kb / 8P
   Direct Logic-Level Interface: TTL/CMOS
2N7002K SILIKRON-2N7002K Datasheet
300Kb / 5P
   Direct Logic-Level Interface: TTL/CMOS
logo
Bruckewell Technology L...
BSS138 BWTECH-BSS138 Datasheet
586Kb / 4P
   Direct Logic-Level Interface: TTL/CMOS
logo
NXP Semiconductors
BT137-600D NXP-BT137-600D Datasheet
157Kb / 13P
   Direct triggering from low power drivers and logic ICs
Rev. 3-24 March 2011
logo
Intersil Corporation
CA3242 INTERSIL-CA3242 Datasheet
12Kb / 1P
   Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load
August 1998
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com