Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQP6N90C Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FQP6N90C
Description  N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP6N90C Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FQP6N90C Datasheet HTML 1Page - Fairchild Semiconductor FQP6N90C Datasheet HTML 2Page - Fairchild Semiconductor FQP6N90C Datasheet HTML 3Page - Fairchild Semiconductor FQP6N90C Datasheet HTML 4Page - Fairchild Semiconductor FQP6N90C Datasheet HTML 5Page - Fairchild Semiconductor FQP6N90C Datasheet HTML 6Page - Fairchild Semiconductor FQP6N90C Datasheet HTML 7Page - Fairchild Semiconductor FQP6N90C Datasheet HTML 8Page - Fairchild Semiconductor FQP6N90C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2006 Fairchild Semiconductor Corporation
FQP6N90C / FQPF6N90C Rev. C1
www.fairchildsemi.com
3
 !  
10
-1
10
0
10
1
0
500
1000
1500
2000
C
iss = Cgs + Cgd (Cds = shorted)
=C
gd
ds
C
oss = C + Cgd
C
rss
Notes :
1. V
GS = 0 V
2. f =1MHz
C
rss
C
oss
C
iss
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
V
DS = 450V
V
DS = 180V
V
DS = 720V
Note: I
D = 6A
0003
12
15
18
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
GS = 20V
V
GS = 10V
Note: T
J = 25
I
D, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
10
1
150℃
Notes:
1. V
GS = 0V
2. 250μ sPulseTest
25℃
V
SD, Source-Drain voltage [V]
V
DS, Drain-Source Voltage [V]
Figure 5. Capacitance Characteristics
Q
G, Total Gate Charge [nC]
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 2. Transfer Characteristics
V
DS, Drain-Source Voltage [V]
Figure 1. On-Region Characteristics
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
V
GS
Top:
15.0V
10.0V
8.0V
7.0V
6.5V
6.0V
Bottom: 5.5V
Notes :
1. 250μ s PulseTest
2. T
C = 25
22
8
10
10
-1
10
0
10
1
150
oC
25
oC
-55
oC
Notes:
1. V
DS = 50V
2. 250μ sPulseTest
4
V
GS, Gate-Source Voltage [V]
6
6
9


Numéro de pièce similaire - FQP6N90C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQP6N90C FAIRCHILD-FQP6N90C Datasheet
860Kb / 10P
   900V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP6N90C ISC-FQP6N90C Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Description similaire - FQP6N90C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQA8N90C-F109 FAIRCHILD-FQA8N90C-F109 Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 900 V, 8 A, 1.9 廓
FQD2N90TF FAIRCHILD-FQD2N90TF Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 900 V, 1.7 A, 7.2 廓
FQA11N90F109 FAIRCHILD-FQA11N90F109 Datasheet
460Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
logo
ON Semiconductor
FQD2N60C ONSEMI-FQD2N60C Datasheet
979Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
October-2017,Rev.2
logo
Fairchild Semiconductor
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com