Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCB36N60NTM Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FCB36N60NTM
Description  N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCB36N60NTM Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  FCB36N60NTM Datasheet HTML 1Page - Fairchild Semiconductor FCB36N60NTM Datasheet HTML 2Page - Fairchild Semiconductor FCB36N60NTM Datasheet HTML 3Page - Fairchild Semiconductor FCB36N60NTM Datasheet HTML 4Page - Fairchild Semiconductor FCB36N60NTM Datasheet HTML 5Page - Fairchild Semiconductor FCB36N60NTM Datasheet HTML 6Page - Fairchild Semiconductor FCB36N60NTM Datasheet HTML 7Page - Fairchild Semiconductor FCB36N60NTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
©2010 Fairchild Semiconductor Corporation
FCB36N60N Rev. C0
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
VDS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
V
SD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
VDS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
L
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
V
SD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Numéro de pièce similaire - FCB36N60NTM

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FCB36N60N FAIRCHILD-FCB36N60N Datasheet
239Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
logo
Inchange Semiconductor ...
FCB36N60N ISC-FCB36N60N Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - FCB36N60NTM

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FCB36N60N FAIRCHILD-FCB36N60N Datasheet
239Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
FCPF7N60NT FAIRCHILD-FCPF7N60NT Datasheet
388Kb / 10P
   N-Channel SupreMOS짰 MOSFET 600 V, 6.8 A, 520 m廓
FCI25N60N FAIRCHILD-FCI25N60N Datasheet
364Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 25 A, 125 m廓
logo
Diodes Incorporated
FCP25N60N DIODES-FCP25N60N Datasheet
460Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 25 A, 125 m廓
logo
Renesas Technology Corp
N0439N RENESAS-N0439N Datasheet
221Kb / 7P
   N-channel MOSFET 40 V, 90 A, 3.3 m廓
logo
Fairchild Semiconductor
FDD86102 FAIRCHILD-FDD86102 Datasheet
396Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 36 A, 24 m廓
FCD380N60E FAIRCHILD-FCD380N60E Datasheet
205Kb / 9P
   N-Channel SuperFET짰 II MOSFET 600 V, 10.2 A, 380 m廓
FDMC86248 FAIRCHILD-FDMC86248 Datasheet
262Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 13 A, 90 m廓
logo
Kersemi Electronic Co.,...
KSMU5N60C KERSEMI-KSMU5N60C Datasheet
3Mb / 8P
   N-Channel MOSFET 600 V, 2.8 A, 2.5 廓
KSMD5N60C KERSEMI-KSMD5N60C Datasheet
3Mb / 8P
   N-Channel MOSFET 600 V, 2.8 A, 2.5 廓
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com