Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2425N50100AHF Fiches technique(PDF) 1 Page - Anaren Microwave

No de pièce BD2425N50100AHF
Description  Ultra Low Profile 0404 Balun 50 to 100 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANAREN [Anaren Microwave]
Site Internet  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2425N50100AHF Fiches technique(HTML) 1 Page - Anaren Microwave

  BD2425N50100AHF_14 Datasheet HTML 1Page - Anaren Microwave BD2425N50100AHF_14 Datasheet HTML 2Page - Anaren Microwave BD2425N50100AHF_14 Datasheet HTML 3Page - Anaren Microwave BD2425N50100AHF_14 Datasheet HTML 4Page - Anaren Microwave BD2425N50100AHF_14 Datasheet HTML 5Page - Anaren Microwave BD2425N50100AHF_14 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model BD2425N50100AHF
Rev A
Ultra Low Profile 0404 Balun
50
to 100
Balanced
Description
The BD2425N50100AHF is a low cost, low profile sub-miniature unbalanced
to balanced transformer designed for differential inputs and output locations on
modern
chipsets
in
an
easy
to
use
surface
mount
package.
The
BD2425N50100AHF is ideal for high volume manufacturing and delivers higher
performance than traditional ceramic baluns. The BD2425N50100AHF has an
unbalanced port impedance of 50Ω and a 100Ω balanced port impedance. This
transformation enables single ended signals to be applied to differential ports on
modern integrated chipsets. The output ports have equal amplitude (-3dB) with 180
degree phase differential. The BD2425N50100AHF is available on tape and reel for
pick and place high volume manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25°°°°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
2400
2500
MHz
Unbalanced Port Impedance
50
Balanced Port Impedance
100
Return Loss
18
25
dB
Insertion Loss*
0.6
0.7
dB
Amplitude Balance
0.2
0.6
dB
Phase Balance
1
3
Degrees
CMRR
37
dB
Power Handling
1.0
Watts
Features:
• 2400 – 2500 MHz
• 0.56 mm Height Profile
• 50 Ohm to 2 x 50 Ohm
• Low Insertion Loss
• 802.11 b+g
• MIMO b+g
• Bluetooth
• Zigbee
• Surface Mountable
• Tape & Reel
• Non-conductive Surface
• RoHS Compliant
• Halogen-Free
Operating Temperature
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
Outline Drawing
Mechanical Outline
Dimensions are in Inches [Millimeters]
Tolerances are Non-Cumulative
Bottom View (Far-side)
Side View
Top View (Near-side)
Unbalanced Port
GND / DC Feed
+ RF GND
4
3
Designation
Pin
1
2
1
2
3
4
Balanced Port
.041±.004
[1.04±0.10]
.041±.004
[1.04±0.10]
.022±.002
[0.56±0.05]
.020 [0.51]
.020 [0.51]
3x.010
[0.25]
3x.010
[0.25]
Balanced Port
.012 [0.30]
.012 [0.30]


Numéro de pièce similaire - BD2425N50100AHF_14

FabricantNo de pièceFiches techniqueDescription
logo
Anaren Microwave
BD2425N50100AHF ANAREN-BD2425N50100AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun 50 to 100 Balanced
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com