Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N010-0550-T613 Fiches technique(PDF) 6 Page - Fujitsu Component Limited.

No de pièce N010-0550-T613
Description  Resistive Touch Panel Specification FID-550 7-Wire Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

N010-0550-T613 Fiches technique(HTML) 6 Page - Fujitsu Component Limited.

  N010-0550-T613 Datasheet HTML 1Page - Fujitsu Component Limited. N010-0550-T613 Datasheet HTML 2Page - Fujitsu Component Limited. N010-0550-T613 Datasheet HTML 3Page - Fujitsu Component Limited. N010-0550-T613 Datasheet HTML 4Page - Fujitsu Component Limited. N010-0550-T613 Datasheet HTML 5Page - Fujitsu Component Limited. N010-0550-T613 Datasheet HTML 6Page - Fujitsu Component Limited. N010-0550-T613 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FID-550 SERIES
n
9.0 CONNECTION AND MOUNTING
The details below indicate the recommended mounting structure for panel and enclosure. The enclosure sup-
port to fix the touch panel must be over 1.0mm I width and must be outside the view (Transparent area). Also
ensure that the enclosure does not cause miss input by touching the view area.
The following diagram shows that the enclosure edge must be between the View area and the guaranteed ac-
tive area. Ensure space is allocated for the diodes, and we recommend that the material to fix the panel and
enclosure is elastic. Special design would be required to stop water ingress. The corners of the touch panel
are conductive so do not touch any metal parts after mounting.
Location
Detect
1.
Right/ Upper
Glass
2.
Right/ Upper
Glass
3.
Each side
Glass
4.
Left/ Lower
Glass
5.
Each side
Glass
6.
Left/ Lower
Glass
7.
All
Film
Bottom View (Drawing, with conductive side up)
(Mating connector type FCI or equivalent SFW15R-1STAE1-LF: for FPC)
0.8 mm min.
Connector
LCD
1.0 to 3.0 mm
Circuit Board
Transparent Area
Anti-input Area
Shock absorber to protect
the panel (eg rubber)
Upper Case
Input Area
Shock absorber
for protection
View Area
Input Panel
Wiring Area
Cut-out / avoidance of
550 surface mount diodes
Conductive Face
FPC-type cable
Contact Section View
Laminate Film
Stiffener Board
0.7
3.35
Top View (Picture, with conductive
side down)


Numéro de pièce similaire - N010-0550-T613

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
N010-0550-T611 FUJITSU-N010-0550-T611 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0550-T611 FUJITSU-N010-0550-T611 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0550-T611 FUJITSU-N010-0550-T611 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
More results

Description similaire - N010-0550-T613

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
FID-550 FUJITSU-FID-550_06 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0554-T902 FUJITSU-N010-0554-T902 Datasheet
453Kb / 7P
   STANDARD Resistive Touch Panel Specification
logo
Crystalfontz America, I...
CFAM1024600A0-070R CRYSTAIFONTZ-CFAM1024600A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM800480A0-070R CRYSTAIFONTZ-CFAM800480A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
logo
List of Unclassifed Man...
SP-15LW03 ETC2-SP-15LW03 Datasheet
412Kb / 2P
   5-wire resistive touch sensor
logo
AZ Displays
ATP0644-3 AZDISPLAYS-ATP0644-3 Datasheet
918Kb / 7P
   SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL
logo
Rohm
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com