Moteur de recherche de fiches techniques de composants électroniques |
|
N010-0510-T219 Fiches technique(PDF) 1 Page - Fujitsu Component Limited. |
|
N010-0510-T219 Fiches technique(HTML) 1 Page - Fujitsu Component Limited. |
1 / 7 page Part Number Size Type Part Number Size Type N010-0510-T303 17.0” Pen/Finger N010-0551-T744 12.1” Pen/Finger N010-0510-T304 17.0” Pen/Finger N010-0550-T603 10.4” Pen only N010-0510-T236 15.0” Pen/Finger N010-0550-T613 10.4” Pen/Finger N010-0510-T219 15.0” Pen/Finger N010-0550-T625 10.4” Pen/Finger (light touch type) N010-0550-T717 12.1” Pen/Finger N010-0550-T627 10.4” Pen/Finger (light touch type) 100mm tail N010-0551-T742 12.1” Pen/Finger N010-0550-T345 8.4” Pen/Finger STANDARD Resistive Touch Panel Specification FID-550 7-Wire Series RoHS compliant n PART NUMBERS Touch Panels: n FEATURES • Superior long life, using a unique construction method offering improved life over typical technologies; by sensing data input only on the glass layer, typically a 10x improvement in product life is achived. • Excellent specification and high quality - Anti-Newton ring technology - High reliability materials • Pen/Finger, Pen Only, Finger Only, Light Touch types available • Transparency 80% - typical • RoHS Compliant Input Panel Panel Drive change over switch Noise Filter MCU Control Section A/D con- verter Interface n PART NUMBERS Interface Controller Chips: N 2 N B r e b m u N tr a P e p y T 6 2 0 V - 9 5 5 0 - 0 1 0 3 2 S R , e ri W - 7 7 1 0 0 - 0 2 1 1 4 C S U , e ri W - 7 n PART NUMBERS Controller Boards: N 2 N B r e b m u N tr a P e p y T 0 8 2 B - 8 5 5 0 - B 6 1 3 2 S R , e ri W - 7 0 4 7 B - 8 5 5 0 - B 6 1 S U , e ri W - 7 |
Numéro de pièce similaire - N010-0510-T219 |
|
Description similaire - N010-0510-T219 |