Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2849DW Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce UC2849DW
Description  SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2849DW Fiches technique(HTML) 5 Page - Texas Instruments

  UC2849DW Datasheet HTML 1Page - Texas Instruments UC2849DW Datasheet HTML 2Page - Texas Instruments UC2849DW Datasheet HTML 3Page - Texas Instruments UC2849DW Datasheet HTML 4Page - Texas Instruments UC2849DW Datasheet HTML 5Page - Texas Instruments UC2849DW Datasheet HTML 6Page - Texas Instruments UC2849DW Datasheet HTML 7Page - Texas Instruments UC2849DW Datasheet HTML 8Page - Texas Instruments UC2849DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
UC2849
UC3849
SLUS360C – JULY 1995 – REVISED AUGUST 2007
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated these specifications apply for TA = –40°C to 85°C for UC2849; and 0°C to 70°C for UC3849; VCC =
12 V, VEE = GND, Output no load, CT = 345 pF, RT = 4530Ω, RDEAD = 511Ω, RCLKSYN = 1 kΩ, TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC Comparator
Turn-on threshold
7.9
8.3
9.5
V
Hysteresis
0.4
KILL Comparator
Voltage threshold
3
V
Sequence Comparator
Voltage threshold
2.5
V
SEQ SAT
0.25
ENABLE Comparator
Voltage threshold
2.5
V
RUN SAT
0.25
Reference
TA = 25°C
4.95
5
5.05
VREF
V
VCC = 15 V
4.9
5.1
Line regulation
10 < VCC < 20
3
15
mV
Load regulation
0 < IO < 10 mA
3
15
Short circuit I
VREF = 0 V
30
60
90
mA
Output Stage
Rise time
CL = 100 pF
10
20
ns
Fall time
CL = 100 pF
10
20
VCC > 11 V, IO = –10 mA
8.0
8.4
8.8
VOH
IO = –200 mA
7.8
V
IO = 200 mA
3.0
VOL
IO = 10 mA
0.5
Virtual Ground
VEE is externally supplied, GND is floating and used as
VGND-VEE
0.2
0.75
V
signal GND
Icc
Icc (run)
21
33
mA
5
Submit Documentation Feedback


Numéro de pièce similaire - UC2849DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2849 TI-UC2849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
More results

Description similaire - UC2849DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI1-UC1826_08 Datasheet
508Kb / 12P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com