Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6226PDTR Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce L6226PDTR
Description  DMOS dual full bridge driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226PDTR Fiches technique(HTML) 1 Page - STMicroelectronics

  L6226PDTR Datasheet HTML 1Page - STMicroelectronics L6226PDTR Datasheet HTML 2Page - STMicroelectronics L6226PDTR Datasheet HTML 3Page - STMicroelectronics L6226PDTR Datasheet HTML 4Page - STMicroelectronics L6226PDTR Datasheet HTML 5Page - STMicroelectronics L6226PDTR Datasheet HTML 6Page - STMicroelectronics L6226PDTR Datasheet HTML 7Page - STMicroelectronics L6226PDTR Datasheet HTML 8Page - STMicroelectronics L6226PDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
October 2009
Doc ID 9452 Rev 4
1/31
31
L6226
DMOS dual full bridge driver
Features
Operating supply voltage from 8 to 52 V
2.8 A output peak current (1.4 A DC)
RDS(on) 0.73 Ω typ. value @ TJ = 25 °C
Operating frequency up to 100 kHz
Programmable high side overcurrent detection
and protection
Diagnostic output
Paralleled operation
Cross conduction protection
Thermal shutdown
Undervoltage lockout
Integrated fast free wheeling diodes
Applications
Bipolar stepper motor
Dual or quad DC motor
Description
The L6226 is a DMOS dual full bridge designed
for motor control applications, realized in
MultiPower-BCD technology, which combines
isolated DMOS power transistors with CMOS and
bipolar circuits on the same chip. Available in
PowerDIP24 (20+2+2), PowerSO36 and SO24
(20+2+2) packages, the L6226 features thermal
shutdown and a non-dissipative overcurrent
detection on the high side power MOSFETs plus
a diagnostic output that can be easily used to
implement the overcurrent protection.
Figure 1.
Block diagram
www.st.com


Numéro de pièce similaire - L6226PDTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6226PD STMICROELECTRONICS-L6226PD Datasheet
404Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER
More results

Description similaire - L6226PDTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
   DMOS DUAL FULL BRIDGE DRIVER
L6205PD013TR STMICROELECTRONICS-L6205PD013TR Datasheet
400Kb / 21P
   DMOS DUAL FULL BRIDGE DRIVER
L6206PD013TR STMICROELECTRONICS-L6206PD013TR Datasheet
426Kb / 23P
   DMOS DUAL FULL BRIDGE DRIVER
E-L6205PD STMICROELECTRONICS-E-L6205PD Datasheet
400Kb / 21P
   DMOS DUAL FULL BRIDGE DRIVER
L6204 STMICROELECTRONICS-L6204_03 Datasheet
667Kb / 12P
   DMOS DUAL FULL BRIDGE DRIVER
L6226Q STMICROELECTRONICS-L6226Q Datasheet
478Kb / 28P
   DMOS dual full bridge driver
L6225DTR STMICROELECTRONICS-L6225DTR Datasheet
389Kb / 20P
   DMOS DUAL FULL BRIDGE DRIVER
September 2003
L6206 STMICROELECTRONICS-L6206 Datasheet
413Kb / 23P
   DMOS DUAL FULL BRIDGE DRIVER
logo
Allegro MicroSystems
3971 ALLEGRO-3971 Datasheet
141Kb / 8P
   DUAL DMOS FULL-BRIDGE DRIVER
May 2, 2000
logo
STMicroelectronics
L6204 STMICROELECTRONICS-L6204 Datasheet
197Kb / 10P
   DMOS DUAL FULL BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com