Moteur de recherche de fiches techniques de composants électroniques |
|
STU60B8 Fiches technique(PDF) 4 Page - EIC discrete Semiconductors |
|
STU60B8 Fiches technique(HTML) 4 Page - EIC discrete Semiconductors |
4 / 4 page RATING AND CHARACTERISTIC CURVES ( STU606I - STU65G4 ) FIG.1 - PULSE DERATING CURVE FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 0 25 50 75 100 125 150 175 Ta, AMBIENT TEMPERATURE, ( °C) NUMBER OF CYCLES AT 60Hz FIG.3 - STEADY STATE POWER DERATING FIG.4 - PULSE RATING CURVE FIG.5 - PULSE WAVEFORM 0 1.0 2.0 3.0 4.0 80 60 40 20 120 5.00 100 10 80 0 120 0 60 40 20 1.25 3.75 0 0.1 2.50 1.0 tp, PULSE WIDTH 100 100 10 20 60 1 2 4 6 40 100 100 125 175 0 25 50 75 150 0.1 µs 1.0 µs 10 µs 100 µs 10ms 1.0ms 200 TL, LEAD TEMPERATURE (°C) 8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD 50 100 0 Tr = 10µs Peak Value IRMS Half Value - IRMS 2 TJ=25 ° C Pulse Width (tp) is defined as that point where the peak current decays to 50% of IRSM tp 10X1000 Waveform as defined by R.E.A. T, TIME(ms) Single Phase Half Wave 60 Hz Resistive or Inductive load |
Numéro de pièce similaire - STU60B8 |
|
Description similaire - STU60B8 |