Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADR530 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADR530
Description  High Precision Shunt Mode Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADR530 Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADR530 Datasheet HTML 4Page - Analog Devices ADR530 Datasheet HTML 5Page - Analog Devices ADR530 Datasheet HTML 6Page - Analog Devices ADR530 Datasheet HTML 7Page - Analog Devices ADR530 Datasheet HTML 8Page - Analog Devices ADR530 Datasheet HTML 9Page - Analog Devices ADR530 Datasheet HTML 10Page - Analog Devices ADR530 Datasheet HTML 11Page - Analog Devices ADR530 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADR525/ADR530/ADR550
Rev. F | Page 9 of 12
THEORY OF OPERATION
The ADR525/ADR530/ADR550 use the band gap concept to
produce a stable, low temperature coefficient voltage reference
suitable for high accuracy data acquisition components and
systems. The devices use the physical nature of a silicon transistor
base-emitter voltage (VBE) in the forward-biased operating region.
All such transistors have approximately a −2 mV/°C tempera-
ture coefficient (TC), making them unsuitable for direct use as
low temperature coefficient references. Extrapolation of the
temperature characteristics of any one of these devices to
absolute zero (with the collector current proportional to the
absolute temperature), however, reveals that its VBE approaches
approximately the silicon band gap voltage. Thus, if a voltage
develops with an opposing temperature coefficient to sum the
VBE, a zero temperature coefficient reference results. The
ADR525/ADR530/ADR550 circuit shown in Figure 14 provides
such a compensating voltage (V1) by driving two transistors at
different current densities and amplifying the resultant VBE
difference (ΔVBE, which has a positive temperature coefficient).
The sum of VBE and V1 provides a stable voltage reference over
temperature.
VBE
+
VBE
+
V1
V–
V+
+
Figure 14. Circuit Schematic
APPLICATIONS
The ADR525/ADR530/ADR550 are a series of precision shunt
voltage references. They are designed to operate without an
external capacitor between the positive and negative terminals.
If a bypass capacitor is used to filter the supply, the references
remain stable.
All shunt voltage references require an external bias resistor (RBIAS)
between the supply voltage and the reference (see Figure 15).
RBIAS sets the current that flows through the load (IL) and the
reference (IIN). Because the load and the supply voltage can vary,
RBIAS needs to be chosen based on the following considerations:
RBIAS must be small enough to supply the minimum IIN
current to the ADR525/ADR530/ADR550, even when the
supply voltage is at its minimum value and the load current
is at its maximum value.
RBIAS must be large enough so that IIN does not exceed
15 mA when the supply voltage is at its maximum value
and the load current is at its minimum value.
VOUT
VS
ADR550
IL
IIN
R
IIN + IL
Figure 15. Shunt Reference
Given these conditions, RBIAS is determined by the supply
voltage (VS), the load and operating currents (IL and IIN) of
the ADR525/ADR530/ADR550, and the output voltage (VOUT)
of the ADR525/ADR530/ADR550.
IN
L
OUT
S
BIAS
I
I
V
V
R
+
=
(3)
Precision Negative Voltage Reference
The ADR525/ADR530/ADR550 are suitable for applications
where a precise negative voltage is desired. Figure 16 shows the
ADR525 configured to provide a negative output.
VS
–2.5V
ADR525
R
Figure 16. Negative Precision Reference Configuration
Output Voltage Trim
The trim terminal of the ADR525/ADR530/ADR550 can be
used to adjust the output voltage over a range of ±0.5%. This
allows systems designers to trim small system errors by setting
the reference to a voltage other than the preset output voltage.
An external mechanical or electrical potentiometer can be used
for this adjustment. Figure 17 illustrates how the output voltage
can be trimmed using the AD5273, an Analog Devices, Inc.,
10 kΩ potentiometer.
R1
470kΩ
POTENTIOMETER
10kΩ
ADR530
AD5273
R
VOUT
VS
Figure 17. Output Voltage Trim


Numéro de pièce similaire - ADR530

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR530 AD-ADR530 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR530 AD-ADR530 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530A AD-ADR530A Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530ART-R2 AD-ADR530ART-R2 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR530ART-R2 AD-ADR530ART-R2 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
More results

Description similaire - ADR530

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520BRTZ-REEL7 AD-ADR520BRTZ-REEL7 Datasheet
420Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR530BRTZ-REEL7 AD-ADR530BRTZ-REEL7 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR520 AD-ADR520 Datasheet
210Kb / 16P
   High Precision Shunt Mode Voltage References
REV. A
ADR520 AD-ADR520_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR540 AD-ADR540_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR550 AD-ADR550_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com