Moteur de recherche de fiches techniques de composants électroniques |
|
SD2440 Fiches technique(PDF) 2 Page - Honeywell Accelerometers |
|
SD2440 Fiches technique(HTML) 2 Page - Honeywell Accelerometers |
2 / 4 page Silicon Phototransistor SD2440 ELECTRICAL CHARACTERISTICS UNITS TEST CONDITIONS MIN PARAMETER SYMBOL TYP MAX ABSOLUTE MAXIMUM RATINGS (25¡C Free-Air Temperature unless otherwise noted) Collector-Emitter Voltage 30 V Emitter-Collector Voltage 5 V Power Dissipation 125 mW [À] Operating Temperature Range -55¡C to 125¡C Storage Temperature Range -65¡C to 150¡C Soldering Temperature (10 sec) 260¡C Notes 1. Derate linearly from 25¡C free-air temperature at the rate of 1.19 mW/¡C. SCHEMATIC Honeywell reserves the right to make changes in order to improve design and supply the best products possible. h 105 |
Numéro de pièce similaire - SD2440 |
|
Description similaire - SD2440 |