Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM802141UMG Fiches technique(PDF) 6 Page - Micrel Semiconductor

No de pièce SM802141UMG
Description  Ultra-Low Jitter, LVPECL Frequency
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802141UMG Fiches technique(HTML) 6 Page - Micrel Semiconductor

Back Button SM802141UMG Datasheet HTML 2Page - Micrel Semiconductor SM802141UMG Datasheet HTML 3Page - Micrel Semiconductor SM802141UMG Datasheet HTML 4Page - Micrel Semiconductor SM802141UMG Datasheet HTML 5Page - Micrel Semiconductor SM802141UMG Datasheet HTML 6Page - Micrel Semiconductor SM802141UMG Datasheet HTML 7Page - Micrel Semiconductor SM802141UMG Datasheet HTML 8Page - Micrel Semiconductor SM802141UMG Datasheet HTML 9Page - Micrel Semiconductor SM802141UMG Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
SM802141
April 2012
6
M9999-041812-A
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(4, 5)
VDD = VDDO1/2 = 3.3V 5% or 2.5V 5%
VDD = 3.3V 5% & VDDO1, 2 = 3.3V 5% or 2.5V 5%
TA = 40C to 85C, RL = 50Ω to VDDO  2V
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
FOUT1
Output Frequency 1
(7)
XTAL_SEL = H, FSEL =X, OE1 = H,
OE2 = L, PLL Bypass = H
25
MHz
FOUT2
Output Frequency 2
(7)
XTAL_SEL = H, FSEL =1, OE1 = H,
OE2 = H, PLL Bypass = L
312.5/
125
MHz
FOUT3
Output Frequency 3
(7)
XTAL_SEL = H, FSEL =0, OE1 = H,
OE2 = H, PLL Bypass = L
156.25/
62.5
MHz
FOUT4
Output Frequency 4
(7)
XTAL_SEL = L, FSEL =X, OE1 = H,
OE2 = L, PLL Bypass = H
REF_IN
MHz
FREF
Reference Input Frequency
25
MHz
TR/TF
LVPECL Output Rise/Fall Time
20% – 80%
80
175
350
ps
ODC
Output Duty Cycle
48
50
52
%
TLOCK
PLL Lock Time
20
ms
Tjit()
RMS Phase Jitter
(6)
25MHz
Integration Range (12kHz – 5MHz)
62.5MHz
Integration Range (12kHz – 10MHz)
125MHz
Integration Range (12kHz – 20MHz)
156.25MHz
Integration Range (12kHz – 20MHz)
312.5MHz
Integration Range (12kHz – 20MHz)
240
315
255
245
250
fsrms
Spurious Noise Components
12.5MHz using 62.5MHz
25MHz using 125MHz
6.25MHz using 156.25MHz
25MHz using 156.25MHz
12.5MHz using 312.5MHz
-76
-80
-82
-62
-79
dBc
Notes:
5.
All phase-noise measurements were taken with an Agilent 5052B phase-noise system.
6.
Measured using 25MHz crystal as the input reference source. If using an external reference input, use a low phase-noise source. With an external
reference, the phase noise will follow the input source phase noise up to about 1MHz.
7.
When output bank Q1 and output bank Q2 are externally tied together. Refer to Output selection Table.


Numéro de pièce similaire - SM802141UMG

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SM802149 MICREL-SM802149 Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
SM802149UMG MICREL-SM802149UMG Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
SM802149UMGR MICREL-SM802149UMGR Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
More results

Description similaire - SM802141UMG

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
   255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
logo
Micrel Semiconductor
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX555ABA50M0000 MICREL-MX555ABA50M0000 Datasheet
1Mb / 4P
   Ultra-Low Jitter 50MHz LVPECL XO
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
   Ultra-low Jitter 156.25MHz LVPECL XO
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX573EBA125M000 MICREL-MX573EBA125M000 Datasheet
1Mb / 4P
   Ultra-low Jitter 125MHz LVPECL XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com