Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM285DR-2-5 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM285DR-2-5
Description  MICROPOWER VOLTAGE REFERENCES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM285DR-2-5 Fiches technique(HTML) 3 Page - Texas Instruments

  LM285DR-2-5 Datasheet HTML 1Page - Texas Instruments LM285DR-2-5 Datasheet HTML 2Page - Texas Instruments LM285DR-2-5 Datasheet HTML 3Page - Texas Instruments LM285DR-2-5 Datasheet HTML 4Page - Texas Instruments LM285DR-2-5 Datasheet HTML 5Page - Texas Instruments LM285DR-2-5 Datasheet HTML 6Page - Texas Instruments LM285DR-2-5 Datasheet HTML 7Page - Texas Instruments LM285DR-2-5 Datasheet HTML 8Page - Texas Instruments LM285DR-2-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM2852.5, LM3852.5, LM385B2.5
MICROPOWER VOLTAGE REFERENCES
SLVS023J − JANUARY 1989 − REVISED MARCH 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Reverse current, IR
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward current, IF
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 1 and 2): D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
LP package
140
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
149
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Maximum power dissipation is a function of TJ(max),θJA,and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) − TA)/θJA. Operation at the absolute maximum TJ of 150°C can affect reliability.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
MAX
UNIT
IZ
Reference current
0.02
20
mA
TA
Operating free-air temperature range
LM285-2.5
−40
85
°C
TA
Operating free-air temperature range
LM385-2.5, LM385B-2.5
0
70
°C
electrical characteristics at specified free-air temperature
PARAMETER
TEST
TA‡
LM285-2.5
LM385-2.5
LM385B-2.5
UNIT
PARAMETER
TEST
CONDITIONS
TA‡
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VZ
Reference
voltage
IZ = 20 µA
to 20 mA
25
°C
2.462
2.5
2.538
2.425
2.5
2.575
2.462
2.5
2.538
V
αVZ
Average
temperature
coefficient of
reference
voltage§
IZ = 20 µA
to 20 mA
Full range
±20
±20
±20
ppm/
°C
Change in
IZ = 20 µA
25
°C
1
2
2
∆VZ
Change in
reference
IZ = 20 µA
to 1 mA
Full range
1.5
2
2
mV
∆VZ
reference
voltage with
current
IZ = 1 mA
25
°C
10
20
20
mV
voltage with
current
IZ = 1 mA
to 20 mA
Full range
30
30
30
∆VZ/∆t
Long-term
change in
reference
voltage
IZ = 100 µA
25
°C
±20
±20
±20
ppm/khr
IZ(min)
Minimum
reference
current
Full range
8
20
8
20
8
20
µA
zz
Reference
IZ = 100 A
25
°C
0.2
0.6
0.4
1
0.4
1
zz
Reference
impedance
IZ = 100 µA
Full range
1.5
1.5
1.5
Vn
Broadband
noise
voltage
IZ = 100 µA,
f = 10 Hz
to 10 kHz
25
°C
120
120
120
µV
‡ Full range is 0°C to 70°C for the LM385-2.5 and LM385B-2.5, and −40°C to 85°C for the LM285-2.5.
§ The average temperature coefficient of reference voltage is defined as the total change in reference voltage divided by the specified temperature
range.


Numéro de pièce similaire - LM285DR-2-5

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM285DR-2-5 TI-LM285DR-2-5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285DR-2-5 TI-LM285DR-2-5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285DR-2-5 TI1-LM285DR-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285DR-2-5 TI1-LM285DR-2-5 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results

Description similaire - LM285DR-2-5

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com