Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB1277 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce STB1277
Description  PNP Plastic Encapsulated Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STB1277 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STB1277 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Elektronische Bauelemente
STB1277
-2A , -30V
PNP Plastic Encapsulated Transistor
08-May-2013 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
General Purpose Switching and Amplification.
High Total Power Dissipation.
High hFE and Good Linearity
CLASSIFICATION OF hFE
Product-Rank
STB1277-O
STB1277-Y
Range
100~200
160~320
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-30
V
Collector to Emitter Voltage
VCEO
-30
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-2
A
Collector Power Dissipation
PC
0.625
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test condition
Collector to Base Breakdown Voltage
V(BR)CBO
-30
-
-
V
IC= -0.1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-30
-
-
V
IC= -1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -1mA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µ
A
VCB= -30V, IE=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
µ
A
VEB= -5V, IC=0
DC Current Gain
hFE
100
-
320
VCE= -2V, IC= -500mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.8
V
IC= -2A, IB= -0.2A
Base to Emitter Saturation Voltage
VBE(sat)
-
-
-1
V
IC= -500mA, VCE= -2V
Transition Frequency
fT
-
170
-
MHz
VCE= -5V, IC= -50mA
Collector Output Capacitance
Cob
-
48
-
pF
VCB= -10V, IE=0, f=1MHz
TO-92
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.70
F
0.30
0.51
B
4.30
4.70
G
1.27 TYP.
C
12.70
-
H
1.10
1.40
D
3.30
3.81
J
2.42
2.66
E
0.36
0.56
K
0.36
0.76


Numéro de pièce similaire - STB1277

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STB1277 AUK-STB1277 Datasheet
93Kb / 4P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
STB1277 KODENSHI-STB1277 Datasheet
201Kb / 4P
   PNP Silicon Transistor
logo
Jiangsu Changjiang Elec...
STB1277 JIANGSU-STB1277 Datasheet
923Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
STB1277 DGNJDZ-STB1277 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
STB1277-TA DGNJDZ-STB1277-TA Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Description similaire - STB1277

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
   PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
   PNP Plastic Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
   PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015_15 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
B772S SECOS-B772S_15 Datasheet
352Kb / 2P
   PNP Plastic-Encapsulated Transistor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com