Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS496112-CQZ Fiches technique(PDF) 11 Page - Cirrus Logic

No de pièce CS496112-CQZ
Description  Digital Audio Networking Processor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS496112-CQZ Fiches technique(HTML) 11 Page - Cirrus Logic

Back Button CS496112-CQZ Datasheet HTML 7Page - Cirrus Logic CS496112-CQZ Datasheet HTML 8Page - Cirrus Logic CS496112-CQZ Datasheet HTML 9Page - Cirrus Logic CS496112-CQZ Datasheet HTML 10Page - Cirrus Logic CS496112-CQZ Datasheet HTML 11Page - Cirrus Logic CS496112-CQZ Datasheet HTML 12Page - Cirrus Logic CS496112-CQZ Datasheet HTML 13Page - Cirrus Logic CS496112-CQZ Datasheet HTML 14Page - Cirrus Logic CS496112-CQZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
CobraNet Hardware User’s Manual
Pinout and Signal Descriptions
DS651UM23
©Copyright 2005 Cirrus Logic, Inc.
11
Version 2.3
4.1.2 CM-2 Connector Pinout
Table 1 lists the pinout for the four pinout connectors on the CM-2 board (J1-J4). The
interfaces for these signals are expanded following the table.
Table 2. CM-2 Pin Assignments
Conn.
Pin #
Pin Name
Conn.
Pin #
Pin Name
Conn.
Pin #
Pin Name
J1/J2
A1
UART_RXD
J1/J2
B8
GND
J3/J4
A15
DAI1_DATA3
J1/J2
A2
UART_TX_OE
J1/J2
B9
VCC_+3.3V
J3/J4
A16
RSVD3
J1/J2
A3
HACK
J1/J2
B10
GND
J3/J4
A17
WATCHDOG
J1/J2
A4
HR/W
J1/J2
B11
VCC_+3.3V
J3/J4
A18
RSVD4
J1/J2
A5
HDS
J1/J2
B12
GND
J3/J4
A19
AUX_POWER2
J1/J2
A6
HREQ
J1/J2
B13
VCC_+3.3V
J3/J4
A20
AUX_POWER0
J1/J2
A7
HEN
J1/J2
B14
GND
J3/J4
B1
GND
J1/J2
A8
HADDR0
J1/J2
B15
VCC_+3.3V
J3/J4
B2
VCC_+3.3V
J1/J2
A9
HADDR1
J1/J2
B16
GND
J3/J4
B3
GND
J1/J2
A10
HADDR2
J1/J2
B17
VCC_+3.3V
J3/J4
B4
VCC_+3.3V
J1/J2
A11
HDATA0
J1/J2
B18
RSVD1
J3/J4
B5
GND
J1/J2
A12
HDATA1
J1/J2
B19
GND
J3/J4
B6
VCC_+3.3V
J1/J2
A13
HDATA2
J1/J2
B20
VCC_+3.3V
J3/J4
B7
GND
J1/J2
A14
HDATA3
J3/J4
A1
RSVD2
J3/J4
B8
VCC_+3.3V
J1/J2
A15
HDATA4
J3/J4
A2
MUTE
J3/J4
B9
GND
J1/J2
A16
HDATA5
J3/J4
A3
FS1
J3/J4
B10
VCC_+3.3V
J1/J2
A17
HDATA6
J3/J4
A4
MCLK_OUT
J3/J4
B11
GND
J1/J2
A18
HRESET
J3/J4
A5
MCLK_IN
J3/J4
B12
VCC_+3.3V
J1/J2
A19
HDATA7
J3/J4
A6
REFCLK_IN
J3/J4
B13
GND
J1/J2
A20
HADDR3
J3/J4
A7
DAO1_SCLK/DAI1_SCLK
J3/J4
B14
VCC_+3.3V
J1/J2
B1
UART_TXD
J3/J4
A8
DAO1_DATA0
J3/J4
B15
GND
J1/J2
B2
GND
J3/J4
A9
DAO1_DATA1
J3/J4
B16
GND
J1/J2
B3
VCC_+3.3V
J3/J4
A10
DAO1_DATA2
J3/J4
B17
VCC_+5V
J1/J2
B4
GND
J3/J4
A11
DAO1_DATA3
J3/J4
B18
VCC_+5V
J1/J2
B5
VCC_+3.3V
J3/J4
A12
DAI1_DATA0
J3/J4
B19
AUX_POWER3
J1/J2
B6
GND
J3/J4
A13
DAI1_DATA1
J3/J4
B20
AUX_POWER1
J1/J2
B7
VCC_+3.3V
J3/J4
A14
DAI1_DATA2


Numéro de pièce similaire - CS496112-CQZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS496112-CQZ/A1 CIRRUS-CS496112-CQZ/A1 Datasheet
679Kb / 54P
   Digital Audio Networking Processor
More results

Description similaire - CS496112-CQZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
EV-2 CIRRUS-EV-2 Datasheet
434Kb / 44P
   Digital Audio Networking Processor
CS1810XX CIRRUS-CS1810XX Datasheet
679Kb / 54P
   Digital Audio Networking Processor
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
TAS5000 TI-TAS5000_06 Datasheet
110Kb / 25P
[Old version datasheet]   Digital Audio Pwm Processor
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
   Digital Audio Processor LSI
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
YAMAHA CORPORATION
YSS950 YAMAHA-YSS950 Datasheet
781Kb / 30P
   DAP1 Digital Audio Processor
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Analog Devices
ADAU1442 AD-ADAU1442 Datasheet
1,008Kb / 92P
   SigmaDSP Digital Audio Processor
REV. C
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com