Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF384961S Fiches technique(PDF) 1 Page - Panasonic Battery Group

No de pièce UF384961S
Description  Lithium Ion
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONICBATTERY [Panasonic Battery Group]
Site Internet  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

UF384961S Fiches technique(HTML) 1 Page - Panasonic Battery Group

  UF384961S Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lithium Ion
The data in this document is for descriptive purposes only and is not intended to make or imply any guarantee or warranty.
Charge Characteristics
Cycle Life Characteristics
Discharge Characteristics (by temperature)
Discharge Characteristics (by rate of discharge)
Features & Benefits
Dimensions
Specifications
For more information on how Panasonic can assist you with your battery power solution needs, visit us at
www.panasonic.com/industrial/batteries-oem or e-mail secsales@us.panasonic.com.
UF384961S
• High energy density and
voltage
• Long, stable power with a
flat discharge voltage
• Ideal for portable
communications, portable
computing, and robotics.
Charge:
CC-CV 1C (max) 4.20V, 28.6mA cut-off at 20°C
Discharge: CC 1C, 2.75V cut-off at 20°C
Charge:
CC-CV 1C (max) 4.20V, 24.6mA cut-off at 20°C
Charge:
CC-CV 1C (max) 4.20V, 3 hr cut-off at 20°C
Discharge: CC 1C, 2.5V cut-off at each temperature
Charge:
CC-CV 1C (max) 4.20V, 3 hr cut-off at 20°C
Discharge: CC, 2.5V cut-off at 20°C
For Reference Only
Max. 48.80 mm
(-)
(+)
Max. 3.80 mm
Rated capacity(1)
Min. 1400mAh
Capacity(2)
Min. 1400mAh
Typ. 1450mAh
Nominal voltage
3.7V
Charging
CC-CV, Std. 1400mA, 4.20V, 3.0 hrs
Weight (max.)
27.5 g
Temperature
Charge:
0 to +45°C
Discharge:
-20 to +60°C
Storage:
-20 to +50°C
Energy density
Volumetric:
458 Wh/l
Gravimetric:
188 Wh/kg
(1) At 20°C (2) At 25°C


Numéro de pièce similaire - UF384961S

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Battery Group
UF384461SU PANASONICBATTERY-UF384461SU Datasheet
520Kb / 1P
   Lithium Ion
More results

Description similaire - UF384961S

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Battery Group
UF463450FP PANASONICBATTERY-UF463450FP Datasheet
520Kb / 1P
   Lithium Ion
UF514657FV PANASONICBATTERY-UF514657FV Datasheet
521Kb / 1P
   Lithium Ion
UF515148ST PANASONICBATTERY-UF515148ST Datasheet
515Kb / 1P
   Lithium Ion
UF553443ZU PANASONICBATTERY-UF553443ZU Datasheet
525Kb / 1P
   Lithium Ion
UF583136R PANASONICBATTERY-UF583136R Datasheet
512Kb / 1P
   Lithium Ion
UPF574199 PANASONICBATTERY-UPF574199 Datasheet
525Kb / 1P
   Lithium Ion
UF653039SU PANASONICBATTERY-UF653039SU Datasheet
521Kb / 1P
   Lithium Ion
UF703141FU PANASONICBATTERY-UF703141FU Datasheet
515Kb / 1P
   Lithium Ion
UR14500P PANASONICBATTERY-UR14500P Datasheet
536Kb / 1P
   Lithium Ion
UR18650ZY PANASONICBATTERY-UR18650ZY Datasheet
526Kb / 1P
   Lithium Ion
UF103450PN PANASONICBATTERY-UF103450PN Datasheet
529Kb / 1P
   Lithium Ion
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com