Moteur de recherche de fiches techniques de composants électroniques |
|
A-4030-02A197 Fiches technique(PDF) 2 Page - Molex Electronics Ltd. |
|
A-4030-02A197 Fiches technique(HTML) 2 Page - Molex Electronics Ltd. |
2 / 2 page Current - Maximum per Contact 4A Voltage - Maximum 250V Solder Process Data Duration at Max. Process Temperature (seconds) 5 Lead-free Process Capability Wave Capable (TH only) Max. Cycles at Max. Process Temperature 1 Process Temperature max. C 235 Material Info Old Part Number A-4030-02A197 Reference - Drawing Numbers Product Specification PS-10-07 Sales Drawing SD-4030-0001 This document was generated on 04/25/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Numéro de pièce similaire - A-4030-02A197 |
|
Description similaire - A-4030-02A197 |