Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL32457EIUZ Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL32457EIUZ
Description  짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32457EIUZ Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL32457EIUZ Datasheet HTML 1Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 2Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 3Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 4Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 5Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 6Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 7Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 8Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ISL32450E, ISL32452E, ISL32453E, ISL32455E, ISL32457E
3
FN7921.0
February 20, 2012
Pin Configurations
ISL32450E, ISL32453E
(14 LD SOIC)
TOP VIEW
ISL32450E, ISL32453E
(10 LD MSOP)
TOP VIEW
ISL32452E, ISL32455E
(8 LD SOIC, 8 LD MSOP)
TOP VIEW
ISL32457E
(8 LD SOIC, 8 LD MSOP)
TOP VIEW
NOTE: Evaluate creepage and clearance requirements at your maximum fault voltage before using small pitch packages (e.g., MSOP).
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
RO
RE
DE
DI
GND
VCC
A
B
Z
Y
1
2
3
4
5
10
9
8
7
6
D
R
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
RO
INV
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
Truth Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
INV (Note 4)
Y
Z
X11
0
1
0
X10
0
0
1
X11
1
0
1
X10
1
1
0
0
0
X
X
High-Z
High-Z
10
X
X
High-Z
(Note 5)
High-Z
(Note 5)
NOTES:
4. Parts without the INV pin follow the rows with INV = “0” and “X”.
5. Low Power Shutdown Mode (see Notes 14 and 19).
RECEIVING
INPUTS
OUTPUT
RE
(Note 19)
DE (Half
Duplex)
DE (Full
Duplex)
A-B
INV
(Note 4)
RO
00
X
≥ -0.01V
0
1
00
X
≤ -0.2V
0
0
00
X
≤ 0.01V
1
1
00
X
≥ 0.2V
1
0
00
X
Inputs
Open or
Shorted
X1
10
0
X
X
High-Z
(Note 5)
11
1
X
X
High-Z


Numéro de pièce similaire - ISL32457EIUZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL32457EIUZ INTERSIL-ISL32457EIUZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32457EIUZ RENESAS-ISL32457EIUZ Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results

Description similaire - ISL32457EIUZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32430E RENESAS-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32430E INTERSIL-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com