Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29044IROMZ-EVALZ Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL29044IROMZ-EVALZ
Description  Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29044IROMZ-EVALZ Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL29044IROMZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29044IROMZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISL29044
3
FN8305.0
October 30, 2012
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VDD Supply Voltage between VDD and GND . . . . . . . . . . . . . . . . . . . . . .4.0V
I2C Bus Pin Voltage (SCL, SDA). . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.0V
I2C Bus Pin Current (SCL, SDA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
IRDR, LED+Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5.5V
INT Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.0V
INT Pin Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
8 Ld Optical Module Package (Notes 4, 5)
113
58
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB487
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise
noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications VDD = 3.0V, TA = +25°C.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 6) TYP
MAX
(Note 6) UNIT
VDD
Power Supply Range
2.25
3.0
3.63
V
SR_VDD
Power Supply Slew Rate
VDD Rising Edge between 0.4V and 2.25V
0.5
V/ms
VLED+
Voltage Supply for IR LED
5V
IDD_OFF
Supply Current when Powered Down
ALS_EN = 0; PROX_EN = 0
0.05
0.8
µA
IDD_NORM
Supply Current for ALS+Prox in Sleep Time
ALS_EN = 1; PROX_EN = 1
108
135
µA
IDD_PRX_SLP Supply Current for Prox in Sleep Time
ALS_EN = 0; PROX_EN = 1
79
µA
IDD_ALS
Supply Current for ALS
ALS_EN = 1; PROX_EN = 0
94
µA
tINTGR_ALS
12-bit ALS Integration/Conversion Time
88
100
112
ms
tINTGR_PROX 8-bit Prox Integration/Conversion Time
0.51
ms
DATAALS_0
ALS Result when Dark
EAMBIENT = 0 lux, 2k Range
1
3
Counts
DATAALS_F
Full Scale ALS ADC Code
EAMBIENT > Selected Range Maximum Lux (Note 9)
4095 Counts
ΔDATA
DATA
Count Output Variation Over Three Light Sources:
Fluorescent, Incandescent and Sunlight
Ambient Light Sensing
15
%
DATAALS_1
Light Count Output with LSB of 0.0302 lux/count E = 48lux, Fluorescent (Notes 7,9), ALS_RANGE = 0
1587
Counts
DATAALS_2
Light Count Output With LSB of 0.4824 lux/count E = 288lux, Fluorescent (Note 7,9), ALS_RANGE = 1
447
597
747
Counts
DATAPROX_0 Prox Measurement w/o Object in Path
1Counts
DATAPROX_F Full Scale Prox ADC Code
255
Counts
tr
Rise Time for IRDR Sink Current
RLOAD = 15Ω at IRDR pin, 20% to 80%
500
ns
tf
Fall Time for IRDR Sink Current
RLOAD = 15Ω at IRDR pin, 80% to 20%
400
ns
IIRDR_0
IRDR Sink Current
PROX_DR = 0; VIRDR = 0.5V
85
105
125
mA
IIRDR_1
IRDR Sink Current
PROX_DR = 1; VIRDR = 0.5V
208
mA
IIRDR_LEAK
IRDR Leakage Current
PROX_EN = 0; VDD = 3.63V (Note 8)
0.001
1
µA
VIRDR
Acceptable Voltage Range on IRDR Pin
Register bit PROX_DR = 0
0.5
4.3
V
tPULSE
Net IIRDR On Time Per PROX Reading
100
µs
FI2C
I2C Clock Rate Range
400
kHz
VI2C
Supply Voltage Range for I2C Interface
1.7
3.63
V


Numéro de pièce similaire - ISL29044IROMZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29044IROMZ-EVALZ RENESAS-ISL29044IROMZ-EVALZ Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
More results

Description similaire - ISL29044IROMZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29043 INTERSIL-ISL29043 Datasheet
862Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044A INTERSIL-ISL29044A Datasheet
112Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
ISL29044AIROMZ-T7 INTERSIL-ISL29044AIROMZ-T7 Datasheet
610Kb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 19, 2013
ISL29044 INTERSIL-ISL29044 Datasheet
188Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
logo
Renesas Technology Corp
ISL29044A RENESAS-ISL29044A Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Intersil Corporation
ISL29043IROMZ-T7 INTERSIL-ISL29043IROMZ-T7 Datasheet
627Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
February 9, 2012
logo
Renesas Technology Corp
ISL29043 RENESAS-ISL29043 Datasheet
1Mb / 16P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
ISL29044 RENESAS-ISL29044 Datasheet
1Mb / 19P
   Low Power Ambient Light and Proximity Sensor with Internal IR-LED and Digital Output
April 28, 2016
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
logo
AMIC Technology
ASR8800 AMICC-ASR8800 Datasheet
59Kb / 1P
   Ambient Light, Solar_UV_Index, IR and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com