Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C68 Fiches technique(PDF) 1 Page - EIC discrete Semiconductors

No de pièce BZX55C68
Description  SILICON ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZX55C68 Fiches technique(HTML) 1 Page - EIC discrete Semiconductors

  BZX55C68 Datasheet HTML 1Page - EIC discrete Semiconductors BZX55C68 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZX55C2V4 ~ BZX55C200
SILICON ZENER DIODES
VZ : 2.4 - 200 Volts
P
D : 500 mW
FEATURES :
* Complete 2.4 to 200 Volts
* High surge current capability
* High peak reverse power dissipation
* High reliability
* Low leakage current
MECHANICAL DATA
* Case : Molded glass
* Lead : Axial lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity : Color band denotes cathode end. When operated in zener mode,
cathode will be positive with respect to anode
* Mounting position : Any
* Weight : 0.13 gram
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified
Rating
Symbol
Value
Unit
Power Dissipation (Note)
PD
500
mW
Maximum Forward Voltage at IF =100 mA
VF
1.0
V
Maximum Thermal Resistance Junction to Ambient Air (Note1)
RθJA
0.3
K / mW
Junction Temperature Range
Tj
- 55 to + 175
°C
Storage Temperature Range
Ts
- 55 to + 175
°C
Note : 1. Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
UPDATE : JANUARY 18, 2002
DO - 35
Dimensions in inches and ( millimeters )
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
1.00 (25.4)
min.
1.00 (25.4)
min.


Numéro de pièce similaire - BZX55C68

FabricantNo de pièceFiches techniqueDescription
logo
Microdiode Electronics ...
BZX55C68 CHENDA-BZX55C68 Datasheet
695Kb / 3P
   Low zener impedance
logo
Vishay Siliconix
BZX55C68 VISHAY-BZX55C68 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Changzhou Shunye Electr...
BZX55C68 SY-BZX55C68 Datasheet
317Kb / 3P
   ZENER DIODES
logo
RFE international
BZX55C68 RFE-BZX55C68 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
logo
Kingtronics Internation...
BZX55C68 KINGTRONICS-BZX55C68 Datasheet
470Kb / 4P
   BZX55C Silicon Planar Zener Diodes
More results

Description similaire - BZX55C68

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com