Moteur de recherche de fiches techniques de composants électroniques |
|
3-1415410-4 Fiches technique(PDF) 1 Page - Tyco Electronics |
|
3-1415410-4 Fiches technique(HTML) 1 Page - Tyco Electronics |
1 / 2 page 04-2011, Rev. 0411 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 1 SCHRACK General Purpose Relays PCB Relays n 1 pole 16A, 1 form A (NO) or 1 form B (NC) contact n Switching capacity 4000VA n Coil power 360mW n 4kV/8mm coil-contact, insulation to VDE 0631 and 0700 n Ambient temperature up to 125°C n Quick connect terminals for load side n WG version: Materials in accordance to IEC 60335-1 Typical applications White goods appliances, oven control, electric heating, power supplies, air conditioning, motors, magnetic valves Approvals VDE REG.-Nr. 3725, UL E214025 Technical data of approved types on request Contact Data Contact arrangement 1 form A (NO) or 1 form B (NC) Rated voltage 250VAC Max. switching voltage 400VAC Rated current 16A Limiting making current, form A contact, max. 4s, duty factor 10% 25A Breaking capacity max. 4000VA Contact material AgNi, AgCdO Frequency of operation, with/without load 600/36000h-1 Contact ratings Type Contact Load Cycles IEC61810 410 63 … 001 A (NO) 16A, 250VAC resistive, 125°C 50x103 410 63 … 001 A (NO) 12A, 250VAC resistive, 125°C 200x103 410 63 … 001 A (NO) 16A, 250VAC resistive, 105°C 100x103 410 63 … 002 B (NC) 16A, 250VAC resistive, 125°C 50x103 410 63 … 005 A (NO) 16A, 250VAC resistive, 125°C 50x103 410 63 … 005 A (NO) 12A, 250VAC resistive, 125°C 200x103 410 63 … 005 A (NO) 16A, 250VAC resistive, 105°C 100x103 410 63 … 006 B (NC) 16A, 250VAC resistive, 125°C 50x103 Mechanical endurance >1x106 operations Coil Data Coil voltage range 6 to 60VDC Operative range, IEC 61810 1 Coil insulation system according UL1446 class F Coil versions, DC coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10% mW 054 6 3.6 0.45 100 360 053 9 5.5 0.68 230 352 050 12 7.3 0.9 400 360 046 24 14.6 1.8 1600 360 043 48 29.2 3.6 6400 360 042 60 36.5 4.5 10000 360 All figures are given for coil without pre-energization, at ambient temperature +23°C. Other coil voltages on request. Insulation Data Initial dielectric strength between open contacts 1000Vrms between contact and coil 4000Vrms Clearance/creepage between contact and coil ≥8/8mm Material group of insulation parts IIIa Tracking index of relay base PTI250V Power Relay 41063 125°C F0248-BA Z V |
Numéro de pièce similaire - 3-1415410-4 |
|
Description similaire - 3-1415410-4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |