Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC31418 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce 2SC31418
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC31418 Fiches technique(HTML) 4 Page - ON Semiconductor

  2SC31418 Datasheet HTML 1Page - ON Semiconductor 2SC31418 Datasheet HTML 2Page - ON Semiconductor 2SC31418 Datasheet HTML 3Page - ON Semiconductor 2SC31418 Datasheet HTML 4Page - ON Semiconductor 2SC31418 Datasheet HTML 5Page - ON Semiconductor 2SC31418 Datasheet HTML 6Page - ON Semiconductor 2SC31418 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA1418 / 2SC3648
No.1788-4/7
PC -- Ta
Ambient Temperature, Ta --
°C
A S O
Collector-to-Emitter Voltage, VCE -- V
f T -- IC
Collector-to-Base Voltage, VCB -- V
f T -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
Cob -- VCB
ITR03568
1.0
3
10
5
7
2
3
100
5
7
2
0.01
3
0.1
5
7
5
7
2
3
5
7
2
3
2
1.0
10
1.0
57
3
2
100
57
3
22
1.0
3
2
1.6
1.4
1.8
1.2
0.8
0.4
0.2
0.6
1.0
0
060
80
40
20
140
120
100
160
ITR03569
ITR03570
Mounted
on
a ceramic
board
(250mm
2
0.8mm)
No heat
sink
7
10
53
23
2
7
5
100
For PNP, minus sign is omitted
2SA1418
2SC3648
2SA1418 / 2SC3648
f=1MHz
100ms
DC
operation
2SA1418 / 2SC3648
2
--10
7
5
--100
7
5
32
--1000
7
5
3
100
10
2
3
5
7
2
3
5
2
10
7
5
100
7
5
32
1000
7
5
3
100
10
2
3
5
7
2
3
5
ITR03566
ITR03567
2SC3648
2SA1418
VCE=5V
10V
VCE
=10V
5V
ICP=1.5A
IC=0.7A
Ta=25
°C
Single pulse
Mounted on a ceramic board (250mm2
✕0.8mm)
For PNP, minus sign is omitted


Numéro de pièce similaire - 2SC31418

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SC3141-K3-HF KEXIN-2SC3141-K3-HF Datasheet
1Mb / 3P
   NPN Transistors
2SC3141-K3-HF KEXIN-2SC3141-K3-HF Datasheet
979Kb / 3P
   NPN Transistors
2SC3141-K4-HF KEXIN-2SC3141-K4-HF Datasheet
1Mb / 3P
   NPN Transistors
2SC3141-K4-HF KEXIN-2SC3141-K4-HF Datasheet
979Kb / 3P
   NPN Transistors
2SC3141-K5-HF KEXIN-2SC3141-K5-HF Datasheet
1Mb / 3P
   NPN Transistors
More results

Description similaire - 2SC31418

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com