Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES2B Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce ES2B
Description  Surface Mount Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES2B Fiches technique(HTML) 2 Page - Vishay Siliconix

  ES2B Datasheet HTML 1Page - Vishay Siliconix ES2B Datasheet HTML 2Page - Vishay Siliconix ES2B Datasheet HTML 3Page - Vishay Siliconix ES2B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ES2A, ES2B, ES2C, ES2D
www.vishay.com
Vishay General Semiconductor
Revision: 30-Oct-13
2
Document Number: 88587
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 ms pulse width, 1 % duty cycle
Note
(1) Units mounted on PCB 5.0 mm x 5.0 mm (0.013 mm thick) land areas
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
ES2A
ES2B
ES2C
ES2D
UNIT
Maximum instantaneous forward
voltage
2.0 A
VF (1)
0.90
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
IR
10
μA
TA = 100 °C
350
Max. reverse recovery time
IF = 0.5 A, IR = 1.0 A,
lrr = 0.25 A
trr
20
ns
Maximum reverse recovery time
IF = 2.0 A, VR = 30 V,
dI/dt = 50 A/μs,
Ir = 10 % IRM
TJ = 25 °C
trr
30
ns
TJ = 100 °C
50
Maximum stored charge
IF = 2.0 A, VR = 30 V,
dI/dt = 50 A/μs,
Ir = 10 % IRM
TJ = 25 °C
Qrr
10
nC
TJ = 100 °C
25
Typical junction capacitance
4.0 V, 1 MHz
CJ
18
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ES2A
ES2B
ES2C
ES2D
UNIT
Typical thermal resistance
RJA (1)
75
°C/W
RJL (1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
ES2D-E3/52T
0.096
52T
750
7" diameter plastic tape and reel
ES2D-E3/5BT
0.096
5BT
3200
13" diameter plastic tape and reel
ES2DHE3/52T (1)
0.096
52T
750
7" diameter plastic tape and reel
ES2DHE3/5BT (1)
0.096
5BT
3200
13" diameter plastic tape and reel
0
3.0
80
90
100
110
120
130
140
150
Lead Temperature (°C)
2.0
1.0
Resistive or Inductive Load
P.C.B. Mounted on
0.2" x 0.2" (5.0 mm x 5.0 mm)
Copper Pad Areas
0
10
20
30
40
50
60
1
100
10
8.3 ms Single Half Sine-Wave
at T
L = 110 °C
Number of Cycles at 60 Hz


Numéro de pièce similaire - ES2B

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
ES2B JGD-ES2B Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
ES2B HY-ES2B Datasheet
414Kb / 3P
   Surface Mount Super Fast Glass Passivated Rectifiters
logo
Bruckewell Technology L...
ES2B BWTECH-ES2B Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Galaxy Semi-Conductor H...
ES2B BILIN-ES2B Datasheet
118Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
RFE international
ES2B RFE-ES2B Datasheet
149Kb / 1P
   SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
REV 2001
More results

Description similaire - ES2B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
ES1A VISHAY-ES1A_11 Datasheet
81Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 19-Apr-11
MURS340 VISHAY-MURS340_15 Datasheet
88Kb / 6P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
ES1C-E361T VISHAY-ES1C-E361T Datasheet
82Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 25-Apr-14
ES2DHE3 VISHAY-ES2DHE3 Datasheet
83Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 30-Oct-13
MURS340-M3 VISHAY-MURS340-M3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
MURS320-M3 VISHAY-MURS320-M3 Datasheet
89Kb / 5P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Feb-15
MURS140 VISHAY-MURS140 Datasheet
102Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
MURS340 VISHAY-MURS340_07 Datasheet
106Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 27-Aug-07
MURS340S VISHAY-MURS340S Datasheet
103Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 01-Aug-08
U1B VISHAY-U1B Datasheet
103Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 13-May-08
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com