Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD136-6 Fiches technique(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

No de pièce BD136-6
Description  PNP General Purpose Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BD136-6 Fiches technique(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BD136-6 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BD136-6 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BD136 / BD138 / BD140
PNP General Purpose Transistor
Elektronische Bauelemente
29-Mar-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector - Base Breakdown
Voltage
BD136
V(BR)CBO
-45
-
-
V
IC= -0.1mA, IE=0
BD138
-60
-
-
BD140
-80
-
-
Collector-emitter sustaining
voltage
1
BD136
VCEO(SUS)
-45
-
-
V
IC= -0.03A, IB=0
BD138
-60
-
-
BD140
-80
-
-
Emitter - Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IC=0, IE= -0.1mA
Collector Cut - Off Current
ICBO
-
-
-0.1
µA
VCB= -30V, IE= 0
Emitter Cut-Off Current
IEBO
-
-
-10
µA
VEB= -5V, IC= 0
DC Current Gain
1
hFE
40
-
250
VCE= -2V, IC= -150mA
25
-
-
VCE= -2V, IC= -5mA
25
-
-
VCE= -2V, IC= -500mA
Collector - Emitter Saturation Voltage
1
VCE(sat)
-
-
-0.5
V
IC= -500mA, IB = -50mA
Base – Emitter Voltage
1
VBE
-
-
-1
V
VCE= -2V, IC= -500mA
Note:
1.
Pulse test: pulse width ≤350µs, duty cycle≤ 2.0%.


Numéro de pièce similaire - BD136-6

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BD136-6 SIEMENS-BD136-6 Datasheet
188Kb / 5P
   PNP SILICON TRANSISTORS
logo
SeCoS Halbleitertechnol...
BD136-6 SECOS-BD136-6 Datasheet
85Kb / 2P
   PNP General Purpose Transistor
logo
Micro Commercial Compon...
BD136-6 MCC-BD136-6 Datasheet
317Kb / 3P
   Power Transistors PnP Silicon Volts
More results

Description similaire - BD136-6

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com