Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMC2700UDM-7 Fiches technique(PDF) 8 Page - Diodes Incorporated

No de pièce DMC2700UDM-7
Description  20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2700UDM-7 Fiches technique(HTML) 8 Page - Diodes Incorporated

  DMC2700UDM-7 Datasheet HTML 1Page - Diodes Incorporated DMC2700UDM-7 Datasheet HTML 2Page - Diodes Incorporated DMC2700UDM-7 Datasheet HTML 3Page - Diodes Incorporated DMC2700UDM-7 Datasheet HTML 4Page - Diodes Incorporated DMC2700UDM-7 Datasheet HTML 5Page - Diodes Incorporated DMC2700UDM-7 Datasheet HTML 6Page - Diodes Incorporated DMC2700UDM-7 Datasheet HTML 7Page - Diodes Incorporated DMC2700UDM-7 Datasheet HTML 8Page - Diodes Incorporated DMC2700UDM-7 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DMC2700UDM
Datasheet Number: DS35360 Rev. 1 - 2
8 of 9
www.diodes.com
June 2011
© Diodes Incorporated
DMC2700UDM
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Suggested Pad Layout
SOT26
Dim
Min
Max
Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D
0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
α
All Dimensions in mm
Dimensions
Value (in mm)
Z
3.20
G
1.60
X
0.55
Y
0.80
C1
2.40
C2
0.95
A
M
J
L
D
B C
H
K
X
Z
Y
C1
C2
C2
G


Numéro de pièce similaire - DMC2700UDM-7

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
DMC2700UDM-7 VBSEMI-DMC2700UDM-7 Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

Description similaire - DMC2700UDM-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMC2020USD DIODES-DMC2020USD_15 Datasheet
308Kb / 11P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2700UDMQ DIODES-DMC2700UDMQ Datasheet
485Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2700UDM DIODES-DMC2700UDM_15 Datasheet
150Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2710UVT DIODES-DMC2710UVT Datasheet
677Kb / 10P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
May 2021
DMC2020USD DIODES-DMC2020USD Datasheet
306Kb / 11P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DS32121 Rev. 3 - 2
DMC2020USD-13 DIODES-DMC2020USD-13 Datasheet
308Kb / 11P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJS6602 PANJIT-PJS6602 Datasheet
474Kb / 9P
   20V Complementary Enhancement Mode MOSFET
PJS6601-AU PANJIT-PJS6601-AU Datasheet
540Kb / 9P
   20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6601-AU-REV.02
PJS6601 PANJIT-PJS6601 Datasheet
559Kb / 9P
   20V Complementary Enhancement Mode MOSFET
PJS6602-AU PANJIT-PJS6602-AU Datasheet
518Kb / 9P
   20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6602-AU-REV.01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com