Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMC2700UDM Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce DMC2700UDM
Description  20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2700UDM Fiches technique(HTML) 4 Page - Diodes Incorporated

  DMC2700UDM Datasheet HTML 1Page - Diodes Incorporated DMC2700UDM Datasheet HTML 2Page - Diodes Incorporated DMC2700UDM Datasheet HTML 3Page - Diodes Incorporated DMC2700UDM Datasheet HTML 4Page - Diodes Incorporated DMC2700UDM Datasheet HTML 5Page - Diodes Incorporated DMC2700UDM Datasheet HTML 6Page - Diodes Incorporated DMC2700UDM Datasheet HTML 7Page - Diodes Incorporated DMC2700UDM Datasheet HTML 8Page - Diodes Incorporated DMC2700UDM Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DMC2700UDM
Datasheet Number: DS35360 Rev. 1 - 2
4 of 9
www.diodes.com
June 2011
© Diodes Incorporated
DMC2700UDM
A Product Line of
Diodes Incorporated
N-CHANNEL – Q1
1.5
2
2.533.5
4
0
0.5
1
4.5
5
V
, DRAIN-SOURCE VOLTAGE (V)
Fig.1 Typical Output Characteristics
DS
0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1.0
0
0.5
1
1.5
2
Fig. 2 Typical Transfer Characteristic
V
, GATE-SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
0.2
0.4
0.6
0.8
1.0
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
I , DRAIN-SOURCE CURRENT (A)
D
V
= 4.5V
GS
V
= 2.5V
GS
V
= 1.8V
GS
0
0.1
0.2
0.3
0.4
0.5
0
0.2
0.4
0.6
0.8
1.0
I , DRAIN CURRENT (A)
D
Fig. 4 Typical On-Resistance
vs. Drain Current and Temperature
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.5
0.7
0.9
1.1
1.3
1.5
1.7
Fig. 5 On-Resistance Variation with Temperature
-50
-25
0
V
= 2.5V
I = 250mA
GS
D
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= 4.5V
I = 500mA
GS
D
0
0.2
0.4
0.6
0.8
Fig. 6 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= 4.5V
I = 500mA
GS
D
V
= 2.5V
I = 250mA
GS
D


Numéro de pièce similaire - DMC2700UDM

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
DMC2700UDM-7 VBSEMI-DMC2700UDM-7 Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Diodes Incorporated
DMC2700UDMQ DIODES-DMC2700UDMQ Datasheet
485Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2700UDMQ-7 DIODES-DMC2700UDMQ-7 Datasheet
485Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2700UDM DIODES-DMC2700UDM_15 Datasheet
150Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Description similaire - DMC2700UDM

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMC2020USD DIODES-DMC2020USD_15 Datasheet
308Kb / 11P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2700UDMQ DIODES-DMC2700UDMQ Datasheet
485Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2700UDM DIODES-DMC2700UDM_15 Datasheet
150Kb / 9P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2710UVT DIODES-DMC2710UVT Datasheet
677Kb / 10P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
May 2021
DMC2020USD DIODES-DMC2020USD Datasheet
306Kb / 11P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DS32121 Rev. 3 - 2
DMC2020USD-13 DIODES-DMC2020USD-13 Datasheet
308Kb / 11P
   20V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJS6602 PANJIT-PJS6602 Datasheet
474Kb / 9P
   20V Complementary Enhancement Mode MOSFET
PJS6601-AU PANJIT-PJS6601-AU Datasheet
540Kb / 9P
   20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6601-AU-REV.02
PJS6601 PANJIT-PJS6601 Datasheet
559Kb / 9P
   20V Complementary Enhancement Mode MOSFET
PJS6602-AU PANJIT-PJS6602-AU Datasheet
518Kb / 9P
   20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6602-AU-REV.01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com