Moteur de recherche de fiches techniques de composants électroniques |
|
SI1030 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
SI1030 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 12 page 1 / W IR E L E S S P R O D U C T S E L EC T O R G U ID E Wireless Products REQUEST SAMPLES AND DOWNLOAD DOCUMENTATION AT www.silabs.com/wireless EZRadio® Universal ISM Band RF ICs: www.silabs.com/ezradio Fully integrated, low-power, low data rate, low cost transmitter, receiver and transceiver ICs EZRadioPRO® Radio with Enhanced Features: www.silabs.com/ezradiopro Support continuous frequency tuning from 240 to 1050 MHz and output power up to +20 dBm PART NUMBER TYPE MODULATION SCHEME (MAX KBPS) FSK OOK FREQUENCY RANGE (MHz) OUTPUT POWER RANGE (dBm) SENSITIVITY (dBm) (2.0 KBPS) (4.8 KBPS) (FSK) (OOK) RX CURRENT (mA) TX CURRENT (mA) 0 +11 +13 20 (dBm) PACKAGE Si4030 TX 256 40 900-960 -8 to +13 — — — 18 30 QFN20 Si4031 TX 256 40 240-930 -8 to +13 — — — 18 30 QFN20 Si4032 TX 256 40 240-930 +1 to +20 — — — 35 85 QFN20 Si4060 TX 1000 120 142-1050 Major Bands -40 to +13 — — — 18 QFN20 Si4063 TX 1000 120 142-1050 Major Bands -20 to +20 — — — 85 QFN20 Si4330 RX 256 40 240-960 — -121 -110 18.5 mA QFN20 Si4362 RX 1000 120 142-1050 Major Bands — -124 -112 10/13 mA QFN20 Si4430 TRX 256 40 900-960 -8 to +13 -12 -110 18.5 mA 18 30 QFN20 Si4431 TRX 256 40 240-930 -8 to +13 -121 -110 18.5 mA 18 30 QFN20 Si4432 TRX 256 40 240-930 +1 to +20 -121 -110 18.5 mA 35 85 QFN20 Si4460 TRX 1000 120 142-1050 Major Bands +11 -124 -112 10/13 mA 18 25 QFN20 Si4461 TRX 1000 120 142-1050 Major Bands +16 -124 -112 10/13 mA 31 QFN20 Si4463 TRX 1000 120 142-1050 Major Bands +1 to +20 -124 -112 10/13 mA 85 QFN20 Si4464 TRX 1000 120 119-960 +1 to +20 -124 -112 10/13 mA 85 QFN20 PART NUMBER TYPE MODULATIONSCHEME (MAX KBPS) FSK OOK FREQUENCY BANDS (MHz) 315 434 868 915 OUTPUTPOWERMAX (dBm) 868MHz 434MHz BAND BAND SUPPLY VOLTAGE (V) SENSITIVITY (dBm) PACKAGE Si4010 MCU +TX 100 50 27 - 960 10 1.8-3.6 — MSOP10/SOIC14 Si4012 TX 100 50 27 - 960 10 1.8-3.6 — MSOP10/SOIC14 Si4311 RX 10 — • • 2.7-3.6 -104 QFN20 Si4313 RX 256 40 • • • • 1.8-3.6 -118/-107 QFN20 |
Numéro de pièce similaire - SI1030 |
|
Description similaire - SI1030 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |