Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DIM800FSM17-A000 Fiches technique(PDF) 5 Page - Dynex Semiconductor

No de pièce DIM800FSM17-A000
Description  Single Switch IGBT Module Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYNEX [Dynex Semiconductor]
Site Internet  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM800FSM17-A000 Fiches technique(HTML) 5 Page - Dynex Semiconductor

  DIM800FSM17-A000 Datasheet HTML 1Page - Dynex Semiconductor DIM800FSM17-A000 Datasheet HTML 2Page - Dynex Semiconductor DIM800FSM17-A000 Datasheet HTML 3Page - Dynex Semiconductor DIM800FSM17-A000 Datasheet HTML 4Page - Dynex Semiconductor DIM800FSM17-A000 Datasheet HTML 5Page - Dynex Semiconductor DIM800FSM17-A000 Datasheet HTML 6Page - Dynex Semiconductor DIM800FSM17-A000 Datasheet HTML 7Page - Dynex Semiconductor DIM800FSM17-A000 Datasheet HTML 8Page - Dynex Semiconductor DIM800FSM17-A000 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DIM800FSM17-A000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
5/10
www.dynexsemi.com
Units
ns
ns
mJ
ns
ns
mJ
µC
µC
A
mJ
Max.
-
-
-
-
-
-
-
-
-
-
Typ.
1250
170
230
250
250
220
9.0
200
460
130
Min.
-
-
-
-
-
-
-
-
-
-
Test Conditions
I
C = 800A
V
GE = ±15V
V
CE = 900V
R
G(ON) = RG(OFF) = 2.2Ω
L ~ 100nH
I
F = 800A, VR = 900V,
dI
F/dt = 4000A/µs
Parameter
Turn-off delay time
Fall time
Turn-off energy loss
Turn-on delay time
Rise time
Turn-on energy loss
Gate charge
Diode reverse recovery charge
Diode reverse current
Diode reverse recovery energy
ELECTRICAL CHARACTERISTICS
T
case = 25˚C unless stated otherwise
Symbol
t
d(off)
t
f
E
OFF
t
d(on)
t
r
E
ON
Q
g
Q
rr
I
rr
E
REC
T
case = 125˚C unless stated otherwise
Units
ns
ns
mJ
ns
ns
mJ
µC
A
mJ
Max.
-
-
-
-
-
-
-
-
-
Typ.
1500
200
360
400
250
340
330
530
200
Min.
-
-
-
-
-
-
-
-
-
Test Conditions
I
C = 800A
V
GE = ±15V
V
CE = 900V
R
G(ON) = RG(OFF) = 2.2Ω
L ~ 100nH
I
F = 800A, VR = 900V,
dI
F/dt = 4000A/µs
Parameter
Turn-off delay time
Fall time
Turn-off energy loss
Turn-on delay time
Rise time
Turn-on energy loss
Diode reverse recovery charge
Diode reverse current
Diode reverse recovery energy
Symbol
t
d(off)
t
f
E
OFF
t
d(on)
t
r
E
ON
Q
rr
I
rr
E
REC


Numéro de pièce similaire - DIM800FSM17-A000

FabricantNo de pièceFiches techniqueDescription
logo
Dynex Semiconductor
DIM800FSM17-A000 DYNEX-DIM800FSM17-A000 Datasheet
352Kb / 8P
   Single Switch IGBT Module
DIM800FSM17-A000 DYNEX-DIM800FSM17-A000_10 Datasheet
352Kb / 8P
   Single Switch IGBT Module
DIM800FSM17-A000 DYNEX-DIM800FSM17-A000_15 Datasheet
352Kb / 8P
   Single Switch IGBT Module
More results

Description similaire - DIM800FSM17-A000

FabricantNo de pièceFiches techniqueDescription
logo
Dynex Semiconductor
DIM1200ESM33-A000 DYNEX-DIM1200ESM33-A000 Datasheet
194Kb / 10P
   Single Switch IGBT Module Preliminary Information
GP800NSS33 DYNEX-GP800NSS33 Datasheet
93Kb / 9P
   Single Switch IGBT Module Preliminary Information
DIM800NSM33-A000 DYNEX-DIM800NSM33-A000 Datasheet
174Kb / 10P
   Single Switch IGBT Module Preliminary Information
GP800NSM33 DYNEX-GP800NSM33 Datasheet
93Kb / 9P
   Hi-Reliability Single Switch IGBT Module Preliminary Information
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
   Dual Switch IGBT Module Preliminary Information
DIM800DDM12 DYNEX-DIM800DDM12 Datasheet
171Kb / 10P
   Dual Switch IGBT Module Preliminary Information
DIM400GDM33-A000 DYNEX-DIM400GDM33-A000 Datasheet
162Kb / 10P
   Dual Switch IGBT Module Preliminary Information
GP2400ESM12 DYNEX-GP2400ESM12 Datasheet
169Kb / 12P
   Powerline N-Channel Single Switch IGBT Module Preliminary Information
GP800FSS12 DYNEX-GP800FSS12 Datasheet
89Kb / 11P
   Powerline N-Channel Single Switch IGBT Module Preliminary Information
GP200MKS12 DYNEX-GP200MKS12 Datasheet
126Kb / 10P
   IGBT Chopper Module Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com