Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TZX6V2D Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce TZX6V2D
Description  500mW EPITAXIAL PLANAR ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TZX6V2D Fiches technique(HTML) 4 Page - Diodes Incorporated

  TZX6V2D Datasheet HTML 1Page - Diodes Incorporated TZX6V2D Datasheet HTML 2Page - Diodes Incorporated TZX6V2D Datasheet HTML 3Page - Diodes Incorporated TZX6V2D Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D
S30089 Rev. 1P-5
4 of 4
TZX2V4 - TZX36C
Type
Number
Zener Voltage Range (Note 2)
Test Current
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ @IZT
IZT
ZZT @ IZT
IR
@VR
Min (V)
Max (V)
mA
WmA
V
TZX14
13.2
14.3
5.0
35
1.0
11
TZX14A
13.2
13.7
5.0
35
1.0
11
TZX14B
13.5
14.0
5.0
35
1.0
11
TZX14C
13.8
14.3
5.0
35
1.0
11
TZX15
14.1
15.5
5.0
40
1.0
11.5
TZX15A
14.1
14.7
5.0
40
1.0
11.5
TZX15B
14.5
15.1
5.0
40
1.0
11.5
TZX15C
14.9
15.5
5.0
40
1.0
11.5
TZX16
15.3
17.1
5.0
45
1.0
12
TZX16A
15.3
15.9
5.0
45
1.0
12
TZX16B
15.7
16.5
5.0
45
1.0
12
TZX16C
16.3
17.1
5.0
45
1.0
12
TZX18
16.9
19.0
5.0
55
1.0
13
TZX18A
16.9
17.7
5.0
55
1.0
13
TZX18B
17.5
18.3
5.0
55
1.0
13
TZX18C
18.1
19.0
5.0
55
1.0
13
TZX20
18.8
21.2
2.0
60
1.0
15
TZX20A
18.8
19.7
2.0
60
1.0
15
TZX20B
19.5
20.4
2.0
60
1.0
15
TZX20C
20.2
21.2
2.0
60
1.0
15
TZX22
20.9
23.3
2.0
65
1.0
17
TZX22A
20.9
21.9
2.0
65
1.0
17
TZX22B
21.6
22.6
2.0
65
1.0
17
TZX22C
22.3
23.3
2.0
65
1.0
17
TZX24
22.9
25.5
2.0
70
1.0
19
TZX24A
22.9
24.0
2.0
70
1.0
19
TZX24B
23.6
24.7
2.0
70
1.0
19
TZX24C
24.3
25.5
2.0
70
1.0
19
TZX27
25.2
28.6
2.0
80
1.0
21
TZX27A
25.2
26.6
2.0
80
1.0
21
TZX27B
26.2
27.6
2.0
80
1.0
21
TZX27C
27.2
28.6
2.0
80
1.0
21
TZX30
28.2
31.6
2.0
100
1.0
23
TZX30A
28.2
29.6
2.0
100
1.0
23
TZX30B
29.2
30.6
2.0
100
1.0
23
TZX30C
30.2
31.6
2.0
100
1.0
23
TZX33
31.2
34.5
2.0
120
1.0
25
TZX33A
31.2
32.6
2.0
120
1.0
25
TZX33B
32.2
33.6
2.0
120
1.0
25
TZX33C
33.2
34.5
2.0
120
1.0
25
TZX36
34.2
38.0
2.0
140
1.0
27
TZX36A
34.2
35.7
2.0
140
1.0
27
TZX36B
35.3
36.8
2.0
140
1.0
27
TZX36C
26.4
38.0
2.0
140
1.0
27
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, t
£ 1.0ms.


Numéro de pièce similaire - TZX6V2D

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TZX6V2D VISHAY-TZX6V2D Datasheet
95Kb / 7P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
TZX6V2D VISHAY-TZX6V2D Datasheet
139Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Mar-07
TZX6V2D VISHAY-TZX6V2D Datasheet
100Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 22-Nov-11
TZX6V2D VISHAY-TZX6V2D Datasheet
121Kb / 8P
   Small Signal Zener Diodes
Rev. 2.3, 06-May-13
TZX6V2D VISHAY-TZX6V2D Datasheet
101Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 06-May-13
More results

Description similaire - TZX6V2D

FabricantNo de pièceFiches techniqueDescription
logo
Zibo Seno Electronic En...
1N5221B ZSELEC-1N5221B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_1 Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
1N5221B DIODES-1N5221B_11 Datasheet
51Kb / 3P
   500mW EPITAXIAL ZENER DIODE
logo
Diotech Company.
1N5221B DIOTECH-1N5221B Datasheet
965Kb / 3P
   500mW EPITAXIAL ZENER DIODE
GDZJ2 DIOTECH-GDZJ2 Datasheet
1Mb / 5P
   500mW EPITAXIAL ZENER DIODE
logo
Comchip Technology
1N5221B COMCHIP-1N5221B Datasheet
32Kb / 2P
   500mw Epitaxial Zener Diode
logo
Diodes Incorporated
1N5221B DIODES-1N5221B Datasheet
34Kb / 2P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 14 - 2
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com