Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI8502-C-IS Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce SI8502-C-IS
Description  Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SI8502-C-IS Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SI8502-C-IS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI8502-C-IS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI8502-C-IS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI8502-C-IS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8502-C-IS Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8502-C-IS Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8502-C-IS Datasheet HTML 9Page - List of Unclassifed Manufacturers SI8502-C-IS Datasheet HTML 10Page - List of Unclassifed Manufacturers SI8502-C-IS Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Si85xx
Preliminary Rev. 0.4
7
Table 5. IEC 60747-5-2 Insulation Characteristics*
Parameter
Symbol
Test Condition
Characteristic
Unit
SOIC-20
Maximum Working Insulation Voltage
VIORM
1414
V peak
Input to Output Test Voltage
VPR
Method b1
(VIORM x 1.875 = VPR, 100%
Production Test, tm =1 sec,
Partial Discharge < 5 pC)
2652
V peak
Transient Overvoltage
VIOTM
t = 60 s
8000
V peak
Pollution Degree
(DIN VDE 0110, Table 1)
2
Insulation Resistance at TS, VIO =500 V
RS
>109
W
Note: The Si85xx is suitable for basic and reinforced electrical isolation only within the safety limit data. Maintenance of the
safety data is ensured by protective circuits. The Si85xx provides a climate classification of 40/125/21. Note that the
Si85xx is compliant with the IEC60747-5-2 but neither certified nor inspected to IEC60747-5-2. The Si85xx is
compliant, certified, and factory-inspected to IEC60950.
Table 6. IEC Safety Limiting Values1
Parameter
Symbol
Test Condition
SOIC-20
Unit
Case Temperature
TS
150
°C
Safety Input Current
IS
JA = 85, VDD =5.5 V,
IIN to IOUT = 20 A,
TJ =150 °C, TA =25°C
30
A
Device Power Dissipation2
PD
0.9
W
Notes:
1. Maximum value allowed in the event of a failure. Refer to the thermal derating curve in Figure 1.
2. The Si85xx is tested with VDD = 5.5 V, TJ =150 ºC, CL = 15 pF, and with an input current from IIN to IOUT equal to
20 Amps at 500 kHz (duty cycle = 50%).


Numéro de pièce similaire - SI8502-C-IS

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI8502-B-GM SILABS-SI8502-B-GM Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
More results

Description similaire - SI8502-C-IS

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI85XX SILABS-SI85XX Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com