Moteur de recherche de fiches techniques de composants électroniques |
|
LCE16 Fiches technique(PDF) 1 Page - Socay Electornics Co., Ltd. |
|
LCE16 Fiches technique(HTML) 1 Page - Socay Electornics Co., Ltd. |
1 / 5 page Axial Lead Transient Voltage Suppressors (TVS) Revision September 25, 2013 1 / 5 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. LCE Series 6.5 To 90 V 1500W Low Capacitance SOCAY Electronics Co., Ltd. www.socay.com The LCE series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. Uni-directional Bi-directional u Glass passivated chip u 1500W peak pulse power capability with a 10/1000 µs waveform, repetitive rate (duty cycle): 0.01% u Low leakage u Excellent clamping capability u Very fast response time u RoHS compliant TVS devices are ideal for the protection of I/O interfaces, VCC bus and other vulnerable circuits used in Telecom, Computer, Industrial and Consumer electronic applications. Parameter Symbol Value Unit Peak Pulse Power Dissipation with a 10/1000 µs waveform (1) PPPM 1500 Watts Peak Pulse Current with a 10/1000 µs waveform.(Fig.2) (1) IPP See Next Table Amps Power Dissipation on Infinite Heat Sink at TL=75°C (Fig.2) PM(AV) 6.5 Watt Operating junction and Storage Temperature Range TJ , TSTG -55 to +150 °C Notes: 1. Non-repetitive current pulse , per Fig. 3 and derated above TA= 25 °C per Fig. 2 Maximum Ratings (TA=25℃ unless otherwise noted) Description Features Applications |
Numéro de pièce similaire - LCE16 |
|
Description similaire - LCE16 |