Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZT2222AL3 Fiches technique(PDF) 4 Page - Cystech Electonics Corp.

No de pièce PZT2222AL3
Description  NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PZT2222AL3 Fiches technique(HTML) 4 Page - Cystech Electonics Corp.

  PZT2222AL3 Datasheet HTML 1Page - Cystech Electonics Corp. PZT2222AL3 Datasheet HTML 2Page - Cystech Electonics Corp. PZT2222AL3 Datasheet HTML 3Page - Cystech Electonics Corp. PZT2222AL3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C825L3
Issued Date : 2006.04.25
Revised Date :
Page No. : 4/4
PZT2222AL3
CYStek Product Specification
SOT-223 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1142
0.1220
2.90
3.10
G
0.0551
0.0709
1.40
1.80
B
0.2638
0.2874
6.70
7.30
H
0.0098
0.0138
0.25
0.35
C
0.1299
0.1457
3.30
3.70
I
0.0008
0.0039
0.02
0.10
D
0.0236
0.0315
0.60
0.80
a1
*13o
-
*13o
-
E
*0.0906
-
*2.30
-
a2
0 o
10 o
0 o
10 o
F
0.2480
0.2638
6.30
6.70
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
3
2
1
F
B
A
C
D
E
G
H
a1
a2
I
Style: Pin 1.Base 2.Collector 3.Emitter
Marking:
3-Lead SOT-223 Plastic
Surface Mounted Package
CYStek Package Code: L3
ZT2222A


Numéro de pièce similaire - PZT2222AL3

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
PZT2222AL-AA3-R UTC-PZT2222AL-AA3-R Datasheet
67Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
PZT2222AL-AA3-R UTC-PZT2222AL-AA3-R Datasheet
276Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Description similaire - PZT2222AL3

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com