Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ180A Fiches technique(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce SMAJ180A
Description  400Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMAJ180A Fiches technique(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMAJ180A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ180A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ180A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ180A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
For surface mounted application
Low profile package
Built-in strain relief
Glass passivated junction
Excellent clamping capability
Fast response time: Typically less than 1.0ps
from 0 volt to BV min.
Typical IR less than 1
µA above 10V
High temperature soldering guaranteed:
260
oC / 10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Flammability Classification 94V-0
400 watts peak pulse power capability with a 10
x 1000 us waveform by 0.01% duty cycle
(300W above 78V).
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated lead free,
Polarity: Indicated by cathode band
Standard packaging: 12mm tape
Weight: 0.064 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
OC ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
P
eak Power Dissipation at TA=25
oC, Tp=1ms(Note 1)
PPK
Minimum 400
Watts
Steady State Power Dissipation
Pd
1
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 2, 3)
IFSM
40.0
Amps
Maximum Instantaneous Forward Voltage at 25.0A for
Unidirectional Only
VF
3.5
Volts
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 150
oC
Notes:
1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2.
2. Mounted on 5.0mm
2 (.013 mm Thick) Copper Pads to Each Terminal.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per
Minute Maximum.
Devices for Bipolar Applications
1.
For Bidrectional Use C or CA Suffix for Types SMAJ5.0 through Types SMAJ188.
2.
Electrical Characteristics Apply in Both Directions.
SMAJ SERIES
400Watts Surface Mount Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn
SMA/DO-214AC
0. 181( 4. 60)
0. 161( 4. 10)
0. 209( 5. 30)
0. 193( 4. 90)
0. 063(1.60)
0. 051(1.30)
0. 108( 2. 75)
0. 096( 2. 45)
Dimensions in inches and(millimeters)
0. 059( 1. 50)
0. 035( 0. 90)
0. 012(0.30)
0. 006(0.15)
0. 002(0.05)
0
.078(2.00)
0.096(2.45)
0.008(0.20)


Numéro de pièce similaire - SMAJ180A

FabricantNo de pièceFiches techniqueDescription
logo
Socay Electornics Co., ...
SMAJ180A SOCAY-SMAJ180A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ180A LITTELFUSE-SMAJ180A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Shenzhen Luguang Electr...
SMAJ180A LUGUANG-SMAJ180A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ180A CYSTEKEC-SMAJ180A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
logo
Formosa MS
SMAJ180A FORMOSA-SMAJ180A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
More results

Description similaire - SMAJ180A

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Luguang Electr...
SMAJ LUGUANG-SMAJ_13 Datasheet
226Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
SMAJ200 LUGUANG-SMAJ200 Datasheet
843Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
SMAJ5.0 LUGUANG-SMAJ5.0 Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com