Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMMT3904W Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce DMMT3904W
Description  MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMMT3904W Fiches technique(HTML) 1 Page - Diodes Incorporated

  DMMT3904W Datasheet HTML 1Page - Diodes Incorporated DMMT3904W Datasheet HTML 2Page - Diodes Incorporated DMMT3904W Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30311 Rev. 3 - 2
1 of 3
DMMT3904W
www.diodes.com
·
Epitaxial Planar Die Construction
·
Intrinsically Matched NPN Pair (Note 1)
·
Small Surface Mount Package
·
2% Matched Tolerance, hFE, VCE(SAT), VBE(SAT)
·
1% Matched Tolerance, Available (Note 2)
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Mechanical Data
·
Case: SOT-363, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: See Diagram
·
Marking (See Page 2): K4A
·
Marking Code & Date Code
Information: See Page 2
·
Weight: 0.015 grams (approx.)
DMMT3904W
MATCHED NPN SMALL SIGNAL SURFACE MOUNT
TRANSISTOR
Characteristic
Symbol
DMMT3904W
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current - Continuous
IC
200
mA
Power Dissipation (Note 3)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 3)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
Notes:
1. Built with adjacent die from a single wafer.
2. Contact the Diodes, Inc. Sales department.
3. Device mounted on FR5 PCB: 1.0 x 0.75 x 0.62 in.; pad layout as shown on suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
DMMT3904W-7
SOT-363
3000/Tape & Reel
Ordering Information (Note 4)
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
All Dimensions in mm
A
M
J
L
D
B C
H
K
G
F
C
2
E
2
E
1
B
2
B
1
C
1


Numéro de pièce similaire - DMMT3904W

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMMT3904W DIODES-DMMT3904W Datasheet
124Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30311 Rev. 9 - 2
logo
Pan Jit International I...
DMMT3904W PANJIT-DMMT3904W Datasheet
129Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DMMT3904W DIODES-DMMT3904W Datasheet
178Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2
DMMT3904W-7-F DIODES-DMMT3904W-7-F Datasheet
124Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30311 Rev. 9 - 2
DMMT3904W-7-F DIODES-DMMT3904W-7-F Datasheet
178Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2
More results

Description similaire - DMMT3904W

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMMT5551 DIODES-DMMT5551 Datasheet
77Kb / 3P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30436 Rev. 4 - 2
DMMT3904W DIODES-DMMT3904W_2 Datasheet
178Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2
DMMT5551 DIODES-DMMT5551_2 Datasheet
121Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30436 Rev. 8 - 2
DMMT3904W DIODES-DMMT3904W_1 Datasheet
124Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30311 Rev. 9 - 2
DMMT5551 DIODES-DMMT5551_1 Datasheet
101Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30436 Rev. 7 - 2
logo
Pan Jit International I...
DMMT3904W PANJIT-DMMT3904W Datasheet
129Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DMMT5551 DIODES-DMMT5551_15 Datasheet
121Kb / 4P
   MATCHED NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DMMT3906 DIODES-DMMT3906 Datasheet
92Kb / 3P
   MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30293 Rev. A-2
DMMT5401 DIODES-DMMT5401_2 Datasheet
117Kb / 4P
   MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30437 Rev. 6 - 2
DMMT3906 DIODES-DMMT3906_15 Datasheet
130Kb / 4P
   MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com