Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DDTC123EUA Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce DDTC123EUA
Description  NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC123EUA Fiches technique(HTML) 2 Page - Diodes Incorporated

  DDTC123EUA Datasheet HTML 1Page - Diodes Incorporated DDTC123EUA Datasheet HTML 2Page - Diodes Incorporated DDTC123EUA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30321 Rev. 4 - 2
2 of 3
DDTC (R1 = R2 SERIES) U
Characteristic
Symbol
Min
Typ
Max Unit
Test Condition
Input Voltage
Vl(off)
0.5
1.1
¾
V
VCC = 5V, IO = 100mA
Vl(on)
¾
1.9
3
VO = 0.3V, IO = 20mA, DDTC123EUA
VO = 0.3V, IO = 20mA, DDTC143EUA
VO = 0.3V, IO = 10mA, DDTC114EUA
VO = 0.3V, IO = 5mA, DDTC124EUA
VO = 0.3V, IO = 2mA, DDTC144EUA
VO = 0.3V, IO = 1mA, DDTC115EUA
Output Voltage
VO(on)
¾
0.1
0.3
V
IO/Il =10mA/0.5mA, DDTC123EUA
IO/Il =10mA/0.5mA, DDTC143EUA
IO/Il =10mA/0.5mA, DDTC114EUA
IO/Il =10mA/0.5mA, DDTC124EUA
IO/Il =10mA/0.5mA, DDTC144EUA
IO/Il =5mA/0.25mA, DDTC115EUA
Input Current
DDTC123EUA
DDTC143EUA
DDTC114EUA
DDTC124EUA
DDTC144EUA
DDTC115EUA
Il
¾
¾
3.8
1.8
0.88
0.36
0.18
0.15
mA
VI = 5V
Output Current
IO(off)
¾
¾
0.5
m
A
VCC = 50V, VI = 0V
DC Current Gain
DDTC123EUA
DDTC143EUA
DDTC114EUA
DDTC124EUA
DDTC144EUA
DDTC115EUA
Gl
20
20
30
56
68
82
¾
¾
¾
VO = 5V, IO = 20mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
Input Resistor (R1) Tolerance
DR1
-30
¾
+30
%
¾
Resistance Ratio
R2/R1
0.8
1
1.2
¾
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = 10V, IE = 5mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
XXX = Product Type Marking Code
See Sheet 1 Diagrams
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX
Marking Information
Notes:
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Ordering Information
Device
Packaging
Shipping
DDTC123EUA-7
SOT-323
3000/Tape & Reel
DDTC143EUA-7
SOT-323
3000/Tape & Reel
DDTC114EUA-7
SOT-323
3000/Tape & Reel
DDTC124EUA-7
SOT-323
3000/Tape & Reel
DDTC144EUA-7
SOT-323
3000/Tape & Reel
DDTC115EUA-7
SOT-323
3000/Tape & Reel
Date Code Key
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
N
P
R
S
T
U
V
W
(Note 2)


Numéro de pièce similaire - DDTC123EUA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DDTC123EUA DIODES-DDTC123EUA Datasheet
92Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30321 Rev. 8 - 2
DDTC123EUA DIODES-DDTC123EUA Datasheet
139Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
DDTC123EUA-7-F DIODES-DDTC123EUA-7-F Datasheet
92Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30321 Rev. 8 - 2
DDTC123EUA DIODES-DDTC123EUA_1 Datasheet
92Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30321 Rev. 8 - 2
DDTC123EUA DIODES-DDTC123EUA_2 Datasheet
139Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
More results

Description similaire - DDTC123EUA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DDTC113TUA DIODES-DDTC113TUA_1 Datasheet
452Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30323 Rev. 6 - 2
DDTC114GUA DIODES-DDTC114GUA_1 Datasheet
88Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 6 - 2
DDTC114GUA DIODES-DDTC114GUA Datasheet
189Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 2 - 1
DDTC123EUA DIODES-DDTC123EUA_1 Datasheet
92Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30321 Rev. 8 - 2
DDTC113ZUA DIODES-DDTC113ZUA_1 Datasheet
94Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30322 Rev. 8 - 2
DDTC113TUA DIODES-DDTC113TUA Datasheet
186Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30323 Rev. 2 - 1
DDTC113ZUA DIODES-DDTC113ZUA Datasheet
193Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30322 Rev. 3 - 2
DDTA123EUA DIODES-DDTA123EUA_1 Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 7 - 2
DDTA113ZUA DIODES-DDTA113ZUA Datasheet
197Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 2 - 2
DDTA123EUA DIODES-DDTA123EUA Datasheet
179Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 2 - 1
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com