Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7341QPBF Fiches technique(PDF) 3 Page - International Rectifier

No de pièce IRF7341QPBF
Description  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7341QPBF Fiches technique(HTML) 3 Page - International Rectifier

  IRF7341QPBF Datasheet HTML 1Page - International Rectifier IRF7341QPBF Datasheet HTML 2Page - International Rectifier IRF7341QPBF Datasheet HTML 3Page - International Rectifier IRF7341QPBF Datasheet HTML 4Page - International Rectifier IRF7341QPBF Datasheet HTML 5Page - International Rectifier IRF7341QPBF Datasheet HTML 6Page - International Rectifier IRF7341QPBF Datasheet HTML 7Page - International Rectifier IRF7341QPBF Datasheet HTML 8Page - International Rectifier IRF7341QPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF7341QPbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
1
10
100
2.0
3.0
4.0
5.0
6.0
7.0
V
= 25V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 175 C
J
°
-60 -40 -20 0 20 40 60 80 100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
5.2A
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
2.7V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
15.0V
10.0V
7.0V
5.5V
4.5V
4.0V
3.5V
BOTTOM 2.7V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
20µs PULSE WIDTH
Tj = 175°C
2.7V
VGS
TOP
15.0V
10.0V
7.0V
5.5V
4.5V
4.0V
3.5V
BOTTOM 2.7V


Numéro de pièce similaire - IRF7341QPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7341QPBF IRF-IRF7341QPBF Datasheet
231Kb / 9P
   HEXFET짰 Power MOSFET
More results

Description similaire - IRF7341QPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com