Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7210PBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF7210PBF
Description  Ultra Low On-Resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7210PBF Fiches technique(HTML) 2 Page - International Rectifier

  IRF7210PBF Datasheet HTML 1Page - International Rectifier IRF7210PBF Datasheet HTML 2Page - International Rectifier IRF7210PBF Datasheet HTML 3Page - International Rectifier IRF7210PBF Datasheet HTML 4Page - International Rectifier IRF7210PBF Datasheet HTML 5Page - International Rectifier IRF7210PBF Datasheet HTML 6Page - International Rectifier IRF7210PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF7210PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-14
–––
–––
V
VGS = 0V, ID = -5.0mA
V(BR)DSS
Drain-to-Source Breakdown Voltage
-12
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.011 –––
V/°C Reference to 25°C, ID = -1mA
––– .005 .007
VGS = -4.5V, ID = -16A
‚
––– .007 .010
VGS = -2.5V, ID = -12A
‚
VGS(th)
Gate Threshold Voltage
-0.6 –––
–––
V
VDS = VGS, ID = -500µA
gfs
Forward Transconductance
16
–––
–––
S
VDS = -10V, ID = -16A
––– –––
-10
VDS = -12V, VGS = 0V
––– ––– -1.0
VDS = -9.6V, VGS = 0V
––– ––– -100
VDS = -12V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
––– –––
100
VGS = 12V
Qg
Total Gate Charge
––– 212 –––
ID = -10A
Qgs
Gate-to-Source Charge
–––
27
–––
nC
VDS = -10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
52
–––
VGS = -5.0V
‚
td(on)
Turn-On Delay Time
–––
50
–––
ns
VDD = -10V
tr
Rise Time
–––
3.0
–––
ID = -10A
td(off)
Turn-Off Delay Time
–––
6.5
–––
RD = 1.0Ω
tf
Fall Time
–––
30
–––
RG = 6.2Ω
‚
Ciss
Input Capacitance
––– 17179 –––
VGS = 0V
Coss
Output Capacitance
––– 9455 –––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
––– 8986 –––
ƒ = 1.0kHz
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
––– -1.2
V
TJ = 25°C, IS = -2.5A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
165 247
ns
TJ = 25°C, IF = -2.5A
Qrr
Reverse RecoveryCharge
–––
296 444
nC
di/dt = 85A/µs
‚
Source-Drain Ratings and Characteristics
–––
–––
––– –––
-100
-2.5
A
ƒ When mounted on 1 inch square copper board, t<10 sec
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
µs
S
D
G


Numéro de pièce similaire - IRF7210PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7210PBF IRF-IRF7210PBF Datasheet
547Kb / 7P
   HEXFET Power MOSFET
More results

Description similaire - IRF7210PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com