Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3216MPPQX-EVB Fiches technique(PDF) 2 Page - Silicon Laboratories

No de pièce SI3216MPPQX-EVB
Description  EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3216MPPQX-EVB Fiches technique(HTML) 2 Page - Silicon Laboratories

  SI3216MPPQX-EVB Datasheet HTML 1Page - Silicon Laboratories SI3216MPPQX-EVB Datasheet HTML 2Page - Silicon Laboratories SI3216MPPQX-EVB Datasheet HTML 3Page - Silicon Laboratories SI3216MPPQX-EVB Datasheet HTML 4Page - Silicon Laboratories SI3216MPPQX-EVB Datasheet HTML 5Page - Silicon Laboratories SI3216MPPQX-EVB Datasheet HTML 6Page - Silicon Laboratories SI3216MPPQX-EVB Datasheet HTML 7Page - Silicon Laboratories SI3216MPPQX-EVB Datasheet HTML 8Page - Silicon Laboratories SI3216MPPQX-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Si321xPPQx-EVB
2
Rev. 1.2
1. Introduction
The ProSLIC Si321x evaluation platform is a modular
system consisting of a generic motherboard and one or
more Si321x device-specific daughter cards. Using the
EVB hardware and ProSLIC LINC™ software, one can
easily configure, control, and monitor Si321x operation.
Up to eight Si321x daughter cards may be stacked
vertically
and
accessed
using
uniquely-assigned
timeslots on the common PCM interface and the SPI in
daisy-chain mode.
1.1. ProSLIC LINC evaluation software
The ProSLIC LINC software is an executable program
that allows control and monitoring of the ProSLIC. It
utilizes the primary LPT port of a standard PC to
communicate to the ProSLIC’s SPI port.
To install the software, insert the Silicon Laboratories
ProSLIC CD into the computer. The setup routine can
be invoked by running the setup.exe program in the root
directory of the CD.
Invoking the ProSLIC LINC is achieved by double
clicking the ProSLIC LINC icon. Refer to the ProSLIC
LINC User Guide for software operation.
1.2. Si321xPPT-EVB ProSLIC Evaluation
Board Description
Si321x EVB daughter cards currently supported by this
hardware solution are listed in Table 1 along with
supporting hardware schematics and layout references
included in this data sheet.
Motherboard hardware schematics are found in Figures
25, 26, and 27.
All power and signal connections are made to the
motherboard as described in Table 2.
Signal requirements for ProSLIC operation are PCLK,
FS, and Serial IO. The ProSLIC motherboard has a
local oscillator with a programmable logic device to
provide the ProSLIC PCLK FS signals. The DIP switch
(S2) sets the PCLK frequency and controls the FS
enable. See Table 3 for S2 settings. Factory default
setting is for a 2.048 MHz PCLK with F5 enabled. JP3
and JP4 select this internal clock source or an external
PCM clock source. The ProSLIC motherboard has been
designed to directly connect to an Audio Precision SIA-
2322 Serial Interface Adapter through the 15 pin d-
connectors, P2 and P3 (not installed). See Table 5 for
the Audio Precision settings. The ProSLIC evaluation
board has also been designed to interface with a
Wandel and Goltermann PCM-4 through J8, J9, J10,
and J11 (not installed). See Table 6 for PCM-4 settings.
A header, J5 (not installed), allows access to the
ProSLIC’s PCM signals for connection to other PCM
testing devices or an actual telephone system PCM
bus. TIP and RING of the two wire analog interface is
present at the RJ-11 connector, J1.
The ProSLIC evaluation board is voltage-programmable
with specific jumper settings. JP1 selects 3 or 5 V
ProSLIC operation. JP2 selects 3 or 5 V PCM source
level compatibility. These should be placed on the
expected setting. Table 4 shows a summary of JP1–4
settings.
Power is connected to the ProSLIC at J3 and J4, and
supply connections are summarized in Table 1. The 5 V
is always required for the buffers, U2 and U3, to
interface to the parallel port. The ProSLIC can be
powered from 5 V or 3 V with the placement of a jumper
on JP1. The Protection Return connections on J6 are to
be connected to an appropriate ground for TIP/RING
fault testing. This return is tied to signal ground on
board, although it has a dedicated trace for high-current
conditions. Serial control of the ProSLIC is achieved by
toggling select bits of a standard parallel port. The
parallel port connection is available at P1 and J1.
The ProSLIC card can be daisy-chained by simply
stacking the cards. Stack up to eight cards by aligning
JS1–JS6 and pressing together. The ProSLIC LINC
Software allows channel-specific commands by clicking
the Daisy Chain button.
Table 1. Supported Si321x EVB Daughter Cards
EVB Daughter Card Board
Description
Schematic
Figures
Layout
Figures
Si3210/5/6 QFN with Si3201
integrated line interface
1, , 3
4, 5, 6
Si3210/5/6 QFN with discrete
line interface
7, , 9
10, 11, 12
Si3210/5/6M QFN with Si3201
integrated line interface
13, 14, 15 16, 17, 18
Si3210/5/6M QFN with discrete
line interface
19, 20, 21 22, 23, 24


Numéro de pièce similaire - SI3216MPPQX-EVB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI3216 SILABS-SI3216 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
More results

Description similaire - SI3216MPPQX-EVB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
   EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
SI3232PPT0-EVB SILABS-SI3232PPT0-EVB Datasheet
1,017Kb / 18P
   EVALUATION BOARD FOR THE Si3232 DUAL PROSLIC
SI3225PPT-EVB SILABS-SI3225PPT-EVB Datasheet
693Kb / 16P
   EVALUATION BOARD FOR THE Si3225 DUAL PROSLIC
AN45 SILABS-AN45 Datasheet
219Kb / 14P
   DESIGN GUIDE FOR THE Si3210/15/16 DC-DC CONVERTER
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
Silicon Laboratories
SI2493 SILABS-SI2493 Datasheet
684Kb / 36P
   Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com