Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFA50F-15 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce LFA50F-15
Description  AC-DC Power Supplies Open Frame/ Enclosed type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

LFA50F-15 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button LFA50F-15 Datasheet HTML 6Page - List of Unclassifed Manufacturers LFA50F-15 Datasheet HTML 7Page - List of Unclassifed Manufacturers LFA50F-15 Datasheet HTML 8Page - List of Unclassifed Manufacturers LFA50F-15 Datasheet HTML 9Page - List of Unclassifed Manufacturers LFA50F-15 Datasheet HTML 10Page - List of Unclassifed Manufacturers LFA50F-15 Datasheet HTML 11Page - List of Unclassifed Manufacturers LFA50F-15 Datasheet HTML 12Page - List of Unclassifed Manufacturers LFA50F-15 Datasheet HTML 13Page - List of Unclassifed Manufacturers LFA50F-15 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LFA-11
LFA75F
External view
Block diagram
FG
FILTER
NOISE
AC IN 85
264V
FUSE
RECTIFIER
CURRENT
SENSING
BOOSTER
INDUCTOR
INVERTER
CONTROL
250V3.15A
CONTROL
INVERTER
DC OUT
TRANSFORMER
CONTROL
Photocoupler
Photocoupler
OVER VOLTAGE
PROTECTION
CURRENT
SENSING
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
RECTIFIER
AND
FILTER
<PIN CONNECTION>
CN1
CN2
Pin No.
Input
1
AC(L)
2
3
AC(N)
4
5
FG
Pin No.
Output
1 to 3
-V
4 to 6
+V
¶ Keep drawing current per pin below 5A for CN2.
I/O Connector
Mating connector
CN1
1-1123724-3
1-1123722-5
Chain
Loose
CN2 1-1123723-6
1-1123722-6
Terminal
Chain
Loose
1123721-1
1318912-1
1123721-1
1318912-1
(Mfr:
Tyco Electronics)
¶ I/O Connector is Mfr. Tyco Electronics
¶ Option:-J1:(J.S.T) connector type. Refer to Instruction Manual 5.
¶ Mounting torque (Mounting hole of chassis) :1.5N
-m (16kgf-cm) max
¶ Tolerance : ±1 [±0.04]
¶ Weight : 230g max (without chassis and cover)
¶ PCB material / thickness : CEM3 / 1.6mm
¶ Optional chassis and cover material : Electric galvanizing steel board.
¶ Dimensions in mm, [ ]=inches
Standard type
Chassis and cover type
¶ 4 Mounting holes are existing.
¶ The back side of P.C.B. of the power supply is assembled some
SMDs.
Be attention not to bump against the attached area by vibration.
¶ Use the spacer of 8mm length or more regarding insulation.
And do not use press-fitting bush.
¶ Point A, Point B are thermometry points. Please refer to
Instruction Manual 3.
PCB t=1.6
Input(N)
Input(L)
Point A
Point B
Mounting Hole
Output(+)
Output(-)
3-
f3.5
Mounting Hole
Voltage adjust
(LFA75F-3R3-Y or optional)
Name plate
FG
1
3
5
4
3
1
CN2
CN1
6
140
±0.5
4
5
150
4
3
1
3
5
CN1
6
1
CN2
2-M4
Mounting Hole
f4.5
2-
f4.5
4-M4
Mounting Hole
Input(L)
Input(N)
FG
Output(+)
Output(-)
180
5.5
169
±0.5
5.5
169
±0.5
¶1 Surface mount device
¶1
13
FG
[0.2]
[0.16]
[5.91]
[0.51]
[0.22]
[0.22]
[7.09]
[5.51]
[6.65]
[6.65]
LFA


Numéro de pièce similaire - LFA50F-15

FabricantNo de pièceFiches techniqueDescription
logo
RSG Electronic Componen...
LFA50F-15 RSG-LFA50F-15 Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA50F-15 RSG-LFA50F-15 Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results

Description similaire - LFA50F-15

FabricantNo de pièceFiches techniqueDescription
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA30F RSG-LFA30F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA100F RSG-LFA100F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
Coilcraft lnc.
LDC15F-2 COILCRAFT-LDC15F-2 Datasheet
810Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed type
logo
List of Unclassifed Man...
LEP240F-24 ETC2-LEP240F-24 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
RSG Electronic Componen...
LEA100F RSG-LEA100F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEP100F RSG-LEP100F_14 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA300F RSG-LFA300F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com