Moteur de recherche de fiches techniques de composants électroniques |
|
LFA30F-3R3-Y Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
LFA30F-3R3-Y Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 18 page LFA-2 LFA10F AC-DC Power Supplies Open Frame/ Enclosed type LF A 10 F -O -O Ordering information 1Series name 2Single output 3Output wattage 4Universal input 5Output voltage 6Optional C : with Coating G : Low leakage current J1: VH(J.S.T.)connector type S : with Chassis SN: with Chassis & cover Y: with Potentiometer Specification is changed at option, refer to Instruction Manual. 1 2 3 4 5 6 This power supply is manufactured by SMD technology. The stress to P.C.B like twisting or bending causes the defect of the unit, so handle the unit with care. MODEL LFA10F-3R3-Y LFA10F-5 LFA10F-12 LFA10F-15 LFA10F-24 MAX OUTPUT WATTAGE[W] 6.6 10 10.8 10.5 12 DC OUTPUT 3.3V 2A 5V 2A 12V 0.9A 15V 0.7A 24V 0.5A SPECIFICATIONS MODEL LFA10F-3R3-Y LFA10F-5 LFA10F-12 LFA10F-15 LFA10F-24 INPUT VOLTAGE[V] AC85 - 264 1 f (Refer to Instruction Manual 1.1 and 3.2) *3 CURRENT[A] ACIN 100V 0.18typ (Io=100%) 0.26typ (Io=100%) ACIN 200V 0.11typ (Io=100%) 0.16typ (Io=100%) FREQUENCY[Hz] 50 / 60 (47 - 440) EFFICIENCY[%] ACIN 100V 68.0typ 74.0typ 76.5typ 77.5typ 79.5typ ACIN 200V 68.5typ 76.0typ 79.0typ 80.0typ 83.0typ INRUSH CURRENT[A] ACIN 100V 15typ (Io=100%) ACIN 200V 30typ (Io=100%) LEAKAGE CURRENT[mA] 0.15/0.30max (ACIN 100V / 240V 60Hz, Io=100%, According to IEC60950-1 and DEN-AN) OUTPUT VOLTAGE[V] 3.3 5 12 15 24 CURRENT[A] 2.0 2.0 0.9 0.7 0.5 LINE REGULATION[mV] *5 20max 20max 48max 60max 96max LOAD REGULATION[mV] *5 40max 40max 100max 120max 150max RIPPLE[mVp-p] *1 0 to +50C 80max 80max 120max 120max 120max -10 - 0C 140max 140max 160max 160max 160max Io=0 - 35% 190max 160max 240max 240max 280max RIPPLE NOISE[mVp-p] *1 0 to +50C 120max 120max 150max 150max 150max -10 - 0C 160max 160max 180max 180max 180max Io=0 - 35% 240max 240max 300max 300max 320max TEMPERATURE REGULATION[mV] 0 to +50C 50max 50max 120max 150max 240max -10 to +50C 60max 60max 150max 180max 290max DRIFT[mV] *2 20max 20max 48max 60max 96max START-UP TIME[ms] 200typ (ACIN 100V, Io=100%) *Start-up time is 700ms typ for less than 1minute of applying input again from turning off the input voltage. HOLD-UP TIME[ms] 20typ (ACIN 100V, Io=100%) OUTPUT VOLTAGE ADJUSTMENT RANGE[V] 2.85 to 3.63 Fixed ( Y option is available for adjusting output voltage between ±10%) OUTPUT VOLTAGE SETTING[V] 3.30 to 3.40 4.90 to 5.30 11.50 to 12.50 14.40 to 15.60 23.00 to 25.00 PROTECTION CIRCUIT AND OTHERS OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically OVERVOLTAGE PROTECTION 4.00 to 5.25 5.75 to 7.00 13.80 to 16.80 17.25 to 21.00 27.60 to 33.60 OPERATING INDICATION Not provided REMOTE SENSING Not provided REMOTE ON/OFF Not provided ISOLATION INPUT-OUTPUT AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M W min (At Room Temperature) INPUT-FG AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M W min (At Room Temperature) OUTPUT-FG AC500V 1minute, Cutoff current = 25mA, DC500V 50M W min (At Room Temperature) ENVIRONMENT OPERATING TEMP.,HUMID.AND ALTITUDE -10 to +70 C, 20 - 90%RH (Non condensing) (Refer to Instruction Manual 3.2), 3,000m (10,000 feet) max *3 STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75 C, 20 - 90%RH (Non condensing), 9,000m (30,000 feet) max VIBRATION 10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis IMPACT 196.1m/s2 (20G), 11ms, once each X, Y and Z axis SAFETY AND NOISE REGULATIONS AGENCY APPROVALS UL60950-1, C-UL (CSA60950-1), EN60950-1, EN50178 Complies with DEN-AN CONDUCTED NOISE Complies with FCC-B, VCCI-B, CISPR-B, EN55011-B, EN55022-B CE MARKING Low Voltage Directive, EMC Directive HARMONIC ATTENUATOR Complies with IEC61000-3-2 (Class A) *6 (Not built-in to active filter) *4 OTHERS CASE SIZE/WEIGHT 50 X22X73.5mm [1.97X0.87X2.89 inches] (WXHXD) / 55g max (without chassis and cover) COOLING METHOD Convection (Refer to Instruction Manual 3.1 and 3.2) *3 *1 This is the value that measured on measuring board with capacitor of 22 mF at 150mm from output terminal. Measured by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to KEISOKU-GIKEN: RM103). A circuit reducing standby power is built in this unit. Therefore, the internal switch element is intermittent operated, and the Ripple/Ripple Noise specification in load factor Io=0-35% is different. Please refer to the Instruction Manual 1.7. *2 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25 C, with the input voltage held constant at the rated input/output. *3 Derating is required. *4 When two or more units are operating it may not comply with the IEC61000-3-2. Please contact us for details. *5 Please contact us about dynamic load and input response. *6 Please contact us about another class. * To meet the specifications. Do not operate over-loaded condition. * Parallel operation is not possible. * Derating is required when operated with chassis and cover. * Sound noise may be generated by power supply in case of pulse load. Recommended EMI/EMC Filter NAC-04-472 High voltage pulse noise type : NAP series Low leakage current type : NAM series *The EMI/EMC Filter is recommended to connect with several devices. LFA |
Numéro de pièce similaire - LFA30F-3R3-Y |
|
Description similaire - LFA30F-3R3-Y |