Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1310-0000-000F00K450F Fiches technique(PDF) 4 Page - Cree, Inc

No de pièce CXA1310-0000-000F00K450F
Description  XLamp
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1310-0000-000F00K450F Fiches technique(HTML) 4 Page - Cree, Inc

  CXA1310-0000-000F00K450F Datasheet HTML 1Page - Cree, Inc CXA1310-0000-000F00K450F Datasheet HTML 2Page - Cree, Inc CXA1310-0000-000F00K450F Datasheet HTML 3Page - Cree, Inc CXA1310-0000-000F00K450F Datasheet HTML 4Page - Cree, Inc CXA1310-0000-000F00K450F Datasheet HTML 5Page - Cree, Inc CXA1310-0000-000F00K450F Datasheet HTML 6Page - Cree, Inc CXA1310-0000-000F00K450F Datasheet HTML 7Page - Cree, Inc CXA1310-0000-000F00K450F Datasheet HTML 8Page - Cree, Inc CXA1310-0000-000F00K450F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
4
XLamp CXa1310 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, easyWhite order codes and bins - 18 V (i
f = 700 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA1310 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 16).
cct
range
cri
base order codes
min. luminous flux
@ 700 ma
2-step order code
4-step order code
min
typ
group
flux
(lm) @
85 °c
flux
(lm) @
25 °c*
chromaticity
region
chromaticity
region
6500 K
70
75
K2
1200
1344
65F
CXA1310-0000-000F00K265F
K4
1290
1445
CXA1310-0000-000F00K465F
80
---
J4
1120
1255
65F
CXA1310-0000-000F0HJ465F
K2
1200
1344
CXA1310-0000-000F0HK265F
5700 K
70
75
K2
1200
1344
57F
CXA1310-0000-000F00K257F
K4
1290
1445
CXA1310-0000-000F00K457F
80
---
J4
1120
1255
57F
CXA1310-0000-000F0HJ457F
K2
1200
1344
CXA1310-0000-000F0HK257F
5000 K
70
75
K2
1200
1344
50H
CXA1310-0000-000F00K250H
50F
CXA1310-0000-000F00K250F
K4
1290
1445
CXA1310-0000-000F00K450H
CXA1310-0000-000F00K450F
80
---
J4
1120
1255
50H
CXA1310-0000-000F0HJ450H
50F
CXA1310-0000-000F0HJ450F
K2
1200
1344
CXA1310-0000-000F0HK250H
CXA1310-0000-000F0HK250F
4000 K
70
75
K2
1200
1344
40H
CXA1310-0000-000F00K240H
40F
CXA1310-0000-000F00K240F
K4
1290
1445
CXA1310-0000-000F00K440H
CXA1310-0000-000F00K440F
80
---
J4
1120
1255
40H
CXA1310-0000-000F0HJ440H
40F
CXA1310-0000-000F0HJ440F
K2
1200
1344
CXA1310-0000-000F0HK240H
CXA1310-0000-000F0HK240F
3500 K
80
---
J2
1040
1165
35H
CXA1310-0000-000F00J235H
35F
CXA1310-0000-000F00J235F
J4
1120
1255
CXA1310-0000-000F00J435H
CXA1310-0000-000F00J435F
93
95
G4
840
941
35H
CXA1310-0000-000F0YG435H
35F
CXA1310-0000-000F0YG435F
H2
900
1008
CXA1310-0000-000F0YH235H
CXA1310-0000-000F0YH235F
3000 K
80
---
J2
1040
1165
30H
CXA1310-0000-000F00J230H
30F
CXA1310-0000-000F00J230F
J4
1120
1255
CXA1310-0000-000F00J430H
CXA1310-0000-000F00J430F
93
95
G2
780
881
30H
CXA1310-0000-000F0YG230H
30H
CXA1310-0000-000F0YG230F
G4
840
941
CXA1310-0000-000F0YG430H
CXA1310-0000-000F0YG430F
2700 K
80
---
H4
970
1086
27H
CXA1310-0000-000F00H427H
27F
CXA1310-0000-000F00H427F
J2
1040
1165
CXA1310-0000-000F00J227H
CXA1310-0000-000F00J227F
93
95
F4
730
831
27H
CXA1310-0000-000F0YF427H
27F
CXA1310-0000-000F0YF427F
G2
780
881
CXA1310-0000-000F0YG227H
CXA1310-0000-000F0YG227F


Numéro de pièce similaire - CXA1310-0000-000F00K450F

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1310AQ SONY-CXA1310AQ Datasheet
305Kb / 13P
   Single Chip Processing for CCD Monochrome Camera
More results

Description similaire - CXA1310-0000-000F00K450F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com