Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1310-0000-000F0HK265F Fiches technique(PDF) 2 Page - Cree, Inc

No de pièce CXA1310-0000-000F0HK265F
Description  XLamp
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1310-0000-000F0HK265F Fiches technique(HTML) 2 Page - Cree, Inc

  CXA1310-0000-000F0HK265F Datasheet HTML 1Page - Cree, Inc CXA1310-0000-000F0HK265F Datasheet HTML 2Page - Cree, Inc CXA1310-0000-000F0HK265F Datasheet HTML 3Page - Cree, Inc CXA1310-0000-000F0HK265F Datasheet HTML 4Page - Cree, Inc CXA1310-0000-000F0HK265F Datasheet HTML 5Page - Cree, Inc CXA1310-0000-000F0HK265F Datasheet HTML 6Page - Cree, Inc CXA1310-0000-000F0HK265F Datasheet HTML 7Page - Cree, Inc CXA1310-0000-000F0HK265F Datasheet HTML 8Page - Cree, Inc CXA1310-0000-000F0HK265F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
2
XLamp CXa1310 LED
characteristics
characteristics
unit
minimum
typical
maximum
viewing angle (FWHm)
degrees
115
eSD withstand voltage (HBm per mil-Std-883D)
v
8000
DC forward current (18 v)
mA
1050*
DC forward current (36 v)
mA
525*
Reverse current
mA
0.1
Forward voltage (18 v, @ 700 mA, 85 °C)
v
17.8
Forward voltage (18 v, @ 700 mA, 25 °C)
v
21
Forward voltage (36 v, @ 350 mA, 85 °C)
v
35.6
Forward voltage (36 v, @ 350 mA, 25 °C)
v
42
*
Refer to the operating Limits section.


Numéro de pièce similaire - CXA1310-0000-000F0HK265F

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1310AQ SONY-CXA1310AQ Datasheet
305Kb / 13P
   Single Chip Processing for CCD Monochrome Camera
More results

Description similaire - CXA1310-0000-000F0HK265F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com