Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1850-0000-000N0YU235F Fiches technique(PDF) 5 Page - Cree, Inc

No de pièce CXA1850-0000-000N0YU235F
Description  Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1850-0000-000N0YU235F Fiches technique(HTML) 5 Page - Cree, Inc

  CXA1850-0000-000N0YU235F Datasheet HTML 1Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 2Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 3Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 4Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 5Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 6Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 7Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 8Page - Cree, Inc CXA1850-0000-000N0YU235F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
5
XLamp CXa1850 LED
Notes
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsanda
toleranceof±2onCRImeasurements.
*
Fluxvalues@25°Carecalculatedandforreferenceonly.
fluX characteristics, ansi White order codes and bins (i
f = 1400 ma, tJ = 85 °c)
The following tables provide order codes for XLamp CXA1850 LeDs. For a complete description of the order code
nomenclature, please reference Bin and order Code Formats (page 12).
cct
range
cri
base order codes
min luminous flux
@ 1400 ma
chromaticity regions
order code
min
typ
group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
6500 K
70
75
W4
5225
6014
1A0, 1B0, 1C0, 1D0
CXA1850-0000-000N00W40e1
X2
5590
6434
CXA1850-0000-000N00X20e1
80
---
W2
4860
5593
1A0, 1B0, 1C0, 1D0
CXA1850-0000-000N0HW20e1
W4
5225
6014
CXA1850-0000-000N0HW40e1
5700 K
70
75
W4
5225
6014
2A0, 2B0, 2C0, 2D0
CXA1850-0000-000N00W40e2
X2
5590
6434
CXA1850-0000-000N00X20e2
80
---
W2
4860
5593
2A0, 2B0, 2C0, 2D0
CXA1850-0000-000N0HW20e2
W4
5225
6014
CXA1850-0000-000N0HW40e2
5000 K
70
75
W4
5225
6014
3A0, 3B0, 3C0, 3D0
CXA1850-0000-000N00W40e3
X2
5590
6434
CXA1850-0000-000N00X20e3
80
---
W2
4860
5593
3A0, 3B0, 3C0, 3D0
CXA1850-0000-000N0HW20e3
W4
5225
6014
CXA1850-0000-000N0HW40e3
4000 K
70
75
W4
5225
6014
5A0, 5B0, 5C0, 5D0
CXA1850-0000-000N00W40e5
X2
5590
6434
CXA1850-0000-000N00X20e5
80
---
W2
4860
5593
5A0, 5B0, 5C0, 5D0
CXA1850-0000-000N0HW20e5
W4
5225
6014
CXA1850-0000-000N0HW40e5


Numéro de pièce similaire - CXA1850-0000-000N0YU235F

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1851 SONY-CXA1851 Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
   Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
   RGB Driver for LCD
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
   RGB Driver for LCD
More results

Description similaire - CXA1850-0000-000N0YU235F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Mallory Sonalert Produc...
MSE28MTT3S MSPI-MSE28MTT3S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Mallory performance clu...
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
   Digital 2-Step
8732 MALLORY-8732 Datasheet
241Kb / 4P
   Digital 2-Step
logo
Mallory Sonalert Produc...
MSE28LDT8S MSPI-MSE28LDT8S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com