Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1114-5.0M3-0-T2-G Fiches technique(PDF) 4 Page - Cystech Electonics Corp.

No de pièce LM1114-5.0M3-0-T2-G
Description  Low Dropout CMOS Voltage Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1114-5.0M3-0-T2-G Fiches technique(HTML) 4 Page - Cystech Electonics Corp.

  LM1114-5.0M3-0-T2-G Datasheet HTML 1Page - Cystech Electonics Corp. LM1114-5.0M3-0-T2-G Datasheet HTML 2Page - Cystech Electonics Corp. LM1114-5.0M3-0-T2-G Datasheet HTML 3Page - Cystech Electonics Corp. LM1114-5.0M3-0-T2-G Datasheet HTML 4Page - Cystech Electonics Corp. LM1114-5.0M3-0-T2-G Datasheet HTML 5Page - Cystech Electonics Corp. LM1114-5.0M3-0-T2-G Datasheet HTML 6Page - Cystech Electonics Corp. LM1114-5.0M3-0-T2-G Datasheet HTML 7Page - Cystech Electonics Corp. LM1114-5.0M3-0-T2-G Datasheet HTML 8Page - Cystech Electonics Corp. LM1114-5.0M3-0-T2-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C505M3
Issued Date : 2003.03.21
Revised Date : 2014.01.03
Page No. : 4/12
LM1114M3/A3
CYStek Product Specification
Electrical Characteristics @VIN=5V,Ta=25℃, CIN=1μF(tantalum),
COUT=1μF(tantalum), unless otherwise noted
LM1114-1.8
Parameter
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
Io=40mA,Vin=2.8V
1.764
1.800
1.836
V
1
Line Regulation △Vout/△VinVout
Io=40mA,4V<Vin<10V
-
0.2
0.3
%/V
1
Load Regulation
Vin=2.8V,1mA<Io<40mA
-
10
30
mV
1
Current Consumption
Vin=2.8V
-
1
4.5
μA
2
Io=40mA
-
0.2
0.36
V
1
Dropout Voltage
Io=80mA
-
0.45
0.7
V
1
LM1114-2.5
Parameter
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
Io=40mA,Vin=4V
2.450
2.500
2.550
V
1
Line Regulation △Vout/△VinVout
Io=40mA,4V<Vin<10V
-
0.2
0.3
%/V
1
Load Regulation
Vin=4V,1mA<Io<80mA
-
15
40
mV
1
Current Consumption
Vin=4V
-
1
4.5
μA
2
Io=80mA
-
0.2
0.36
V
1
Dropout Voltage
Io=160mA
-
0.45
0.7
V
1
LM1114-3.0
Parameter
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
Io=40mA,Vin=4.0V
2.940
3.000
3.060
V
1
Line Regulation △Vout/△VinVout
Io=40mA,4.0V<Vin<10V
-
0.2
0.3
%/V
1
Load Regulation
Vin=6V,1mA<Io<80mA
-
15
40
mV
1
Current Consumption
Vin=4.0V
-
1
4.5
μA
2
Io=80mA
-
0.24
0.36
V
1
Dropout Voltage
Io=160mA
-
0.5
0.7
V
1
LM1114-3.3
Parameter
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
Io=40mA,Vin=4.3V
3.234
3.300
3.366
V
1
Line Regulation △Vout/△VinVout
Io=40mA,4.3V<Vin<10V
-
0.2
0.3
%/V
1
Load Regulation
Vin=6V,1mA<Io<80mA
-
15
40
mV
1
Current Consumption
Vin=4.3V
-
1
4.5
μA
2
Io=80mA
-
0.22
0.36
V
1
Dropout Voltage
Io=160mA
-
0.45
0.7
V
1
LM1114-3.6
Parameter
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
Io=40mA,Vin=4.6V
3.522
3.600
3.672
V
1
Line Regulation △Vout/△VinVout
Io=40mA,4.6V<Vin<10V
-
0.2
0.3
%/V
1
Load Regulation
Vin=6V,1mA<Io<80mA
-
15
40
mV
1
Current Consumption
Vin=4.6V
-
1
4.5
μA
2
Io=80mA
-
0.22
0.36
V
1
Dropout Voltage
Io=160mA
-
0.45
0.7
V
1


Numéro de pièce similaire - LM1114-5.0M3-0-T2-G

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
LM1114-5.0M3 CYSTEKEC-LM1114-5.0M3 Datasheet
238Kb / 10P
   Low Dropout CMOS Voltage Regulators
LM1114-5.0M3B-0-T2-G CYSTEKEC-LM1114-5.0M3B-0-T2-G Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
More results

Description similaire - LM1114-5.0M3-0-T2-G

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
   Low Dropout CMOS Voltage Regulators
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
   Low Dropout CMOS Voltage Regulators
LM1114BA3 CYSTEKEC-LM1114BA3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114 CYSTEKEC-LM1114 Datasheet
238Kb / 10P
   Low Dropout CMOS Voltage Regulators
LM1114BM3 CYSTEKEC-LM1114BM3 Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114BN3 CYSTEKEC-LM1114BN3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114A3 CYSTEKEC-LM1114A3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114M3B CYSTEKEC-LM1114M3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
LM6206N3 CYSTEKEC-LM6206N3 Datasheet
198Kb / 6P
   Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com