Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1114-3.3BN3-0-T1-G Fiches technique(PDF) 1 Page - Cystech Electonics Corp.

No de pièce LM1114-3.3BN3-0-T1-G
Description  Low Dropout CMOS Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1114-3.3BN3-0-T1-G Fiches technique(HTML) 1 Page - Cystech Electonics Corp.

  LM1114-3.3BN3-0-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 6Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 7Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 8Page - Cystech Electonics Corp. LM1114-3.3BN3-0-T1-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C505N3-B
Issued Date : 2003.03.21
Revised Date : 2014.01.03
Page No. : 1/15
LM1114BM3/N3/A3
CYStek Product Specification
Low Dropout CMOS Voltage Regulators
LM1114B
Features
Applications
Maximum output current 250mA
Battery powered equipment
Highly accurate : output voltage+/-2%
Palmtops
Low power consumption : typ. 2μA
Portable cameras and video recorders
Small input/output differential:
Reference voltage sources
0.45V typ at 160mA( 2.5V, 3.0V, 3.3V, 3.6V)
0.35V typ at 200mA(Vout=5V)
Pb-free lead plating and halogen-free package
Product Description
The LM1114B series is a group of positive voltage output, three-pin regulators, that provide a high
current even when the input/output voltage differential is small. Low power consumption and high
accuracy is achieved through CMOS and programmable fuse technologies.
The LM1114B consists of a high-precision voltage reference, an error correction circuit, and a current
limited output driver. Transient response to load variations is improved in comparison to the existing ones.
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
Vin
12
V
Output Current
Iout
500
mA
Output Voltage
Vout
Vss-0.3〜Vin+0.3
V
500
150
Continuous Total Power
Dissipation
TO-92
SOT-23
SOT-89
PD
500
mW
Operating Ambient Temperature
Topr
-40〜+85
Storage Temperature
Tstg
-40〜+125
Pin Configuration
TO-92
SOT-23
SOT-89
Vin
1
2
3
Vout
Vss
1
2
3
1
2
3
Vss Vin Vout
Vss
Vin
Vout


Numéro de pièce similaire - LM1114-3.3BN3-0-T1-G

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
LM1114-3.3BN3-0-T1-G CYSTEKEC-LM1114-3.3BN3-0-T1-G Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114-3.3BN3-0-T1-G CYSTEKEC-LM1114-3.3BN3-0-T1-G Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
More results

Description similaire - LM1114-3.3BN3-0-T1-G

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
   Low Dropout CMOS Voltage Regulators
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
   Low Dropout CMOS Voltage Regulators
LM1114BA3 CYSTEKEC-LM1114BA3 Datasheet
385Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114 CYSTEKEC-LM1114 Datasheet
238Kb / 10P
   Low Dropout CMOS Voltage Regulators
LM1114BM3 CYSTEKEC-LM1114BM3 Datasheet
386Kb / 15P
   Low Dropout CMOS Voltage Regulators
LM1114M3 CYSTEKEC-LM1114M3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114A3 CYSTEKEC-LM1114A3 Datasheet
342Kb / 12P
   Low Dropout CMOS Voltage Regulators
LM1114M3B CYSTEKEC-LM1114M3B Datasheet
321Kb / 11P
   Low Dropout CMOS Voltage Regulators
LM6206N3 CYSTEKEC-LM6206N3 Datasheet
198Kb / 6P
   Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com