Moteur de recherche de fiches techniques de composants électroniques |
|
LM1117-ADJJ3-0-T3-G Fiches technique(PDF) 2 Page - Cystech Electonics Corp. |
|
LM1117-ADJJ3-0-T3-G Fiches technique(HTML) 2 Page - Cystech Electonics Corp. |
2 / 7 page CYStech Electronics Corp. Spec. No. : C506J3 Issued Date : 2007.07.10 Revised Date :2013.06.19 Page No. : 2/7 LM1117-XXXJ3 CYStek Product Specification Package Information TO-252 Absolute Maximum Ratings Symbol Parameter Maximum Units PD Power Dissipation 1050 mW VIN Input Voltage -0.3 ~ +15 V TOPR Operating Junction Temperature Range -40 ~ +125 ℃ TSTG Storage Temperature -65 ~ +150 ℃ TMJ Maximum Junction Temperature 150 ℃ Device Selection Guide Device Output Voltage Package Shipping LM1117-ADJJ3-0-T3-G Adjustable LM1117-1.5J3-0-T3-G 1.5V LM1117-1.8J3-0-T3-G 1.8V LM1117-2.5J3-0-T3-G 2.5V LM1117-3.3J3-0-T3-G 3.3V LM1117-5.0J3-0-T3-G 5.0V TO-252 (Pb-free lead plating and halogen-free package) 2500 pcs / Tape & Reel Block Diagram Pin Name 1 ADJ/GND 2 OUTPUT 3 INPUT |
Numéro de pièce similaire - LM1117-ADJJ3-0-T3-G |
|
Description similaire - LM1117-ADJJ3-0-T3-G |