Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317F3 Fiches technique(PDF) 7 Page - Cystech Electonics Corp.

No de pièce LM317F3
Description  Three Terminal Adjustable Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM317F3 Fiches technique(HTML) 7 Page - Cystech Electonics Corp.

Back Button LM317F3 Datasheet HTML 3Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 4Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 5Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 6Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 7Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 8Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 9Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 10Page - Cystech Electonics Corp. LM317F3 Datasheet HTML 11Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C513F3
Issued Date : 2003.05.24
Revised Date :2010.07.22
Page No. : 7/11
LM317F3
CYStek Product Specification
Load Regulation
The LM317 is capable of providing extremely good load regulation, but a few precautions are needed to
obtain maximum performance. For best performance, the programming resistor (R1) should be connected
as close to the regulator as possible to minimize line drops which effectively appear in series with the
reference, thereby degrading regulation. The ground end of R2 can be returned near the load ground to
provide remote ground sensing and improve load regulation.
External Capacitors
A 0.1μF disc or 1.0μF tantalum input bypass capacitor (Cin) is recommended to reduce the sensitivity to
input line impedance.
The adjustment terminal may be bypassed to ground to improve ripple rejection. This capacitor (CAdj)
prevents ripple from being amplified as the output voltage is increased. A 10μF capacitor should improve
ripple rejection about 15 dB at 120 Hz in a 10V application.
Although the LM317 is stable with no output capacitance, like any feedback circuit, certain values of
external capacitance can cause excessive ringing. An output capacitance (Co) in the form of a 1.0μF
tantalum or 25μF aluminum electrolytic capacitor on the output swamps this effect and insures stability.
Protection Diodes
When external capacitors are used with any IC regulator, it is sometimes necessary to add protection
diodes to prevent the capacitors from discharging through low current points into the regulator.
Fig 6 shows the LM317 with the recommended protection diodes for output voltages in excess of 25V or
high capacitance values (Co>25μF,CAdj>10μF). Diode D1 prevents Co from discharging thru the IC
during an input short circuit. Diode D2 protects against capacitor CAdj discharging through the IC during
an output short circuit. The combination of diodes D1 and D2 prevents CAdj from discharging through the
IC during an input short circuit.
Fig 6. Voltage Regulator with Protection Diodes


Numéro de pièce similaire - LM317F3

FabricantNo de pièceFiches techniqueDescription
logo
HTC Korea TAEJIN Techno...
LM317F HTC-LM317F Datasheet
93Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
LM317F HTC-LM317F Datasheet
106Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
More results

Description similaire - LM317F3

FabricantNo de pièceFiches techniqueDescription
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317 Datasheet
299Kb / 5P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317E3 CYSTEKEC-LM317E3 Datasheet
218Kb / 10P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017_15 Datasheet
382Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com