Moteur de recherche de fiches techniques de composants électroniques |
|
2W02G Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
2W02G Fiches technique(HTML) 2 Page - Diodes Incorporated |
2 / 2 page DS21204 Rev. G-2 2 of 2 2W005G - 2W10G 0.01 0.1 1.0 10 0.2 0.6 1.0 1.4 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig.2 Typical Forward Characteristics F T = 25°C Pulse width = 300µs j 0 10 20 30 40 50 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 60 Pulse Width 8.3 ms Single Half-Sine-Wave (JEDEC Method) 1 10 100 1 10 100 V , REVERSE VOLTAGE (V) Fig.4 Typical Junction Capacitance R T = 25°C f = 1mz j 0.01 0.1 1.0 10 100 200 040 80 160 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics 120 T = 100°C j T = 25°C j 0 0.5 1.0 1.5 0 25 50 100 125 150 75 T , AMBIENT TEMPERATURE (°C) Fig. 1 Forward Current Derating Curve A 2.0 Single phase half-sine-wave 60Hz resistive or inductive load |
Numéro de pièce similaire - 2W02G |
|
Description similaire - 2W02G |