Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

93301-0201 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 93301-0201
Description  SolarSpec??DC Panel-Mount Pin Male Housing
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

93301-0201 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  93301-0201 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
93301-0201
Status:
Active
Overview:
SolarSpec™ Cable Assemblies
Description:
SolarSpec™ DC Panel-Mount Pin Male Housing
Documents:
Drawing (PDF)
Packaging Specification PK-93301-002 (PDF)
Product Specification PS-93301-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
93301
Application
Power, Signal, Wire-to-Board
Overview
SolarSpec™ Cable Assemblies
Product Name
SolarSpec™
UPC
884982811737
Physical
Circuits (maximum)
1
Color - Resin
Black
Gender
Male
Glow-Wire Compliant
Yes
Net Weight
7.310/g
Number of Rows
0
Packaging Type
Bag
Panel Mount
With Flange
Pitch - Mating Interface
N/A
Temperature Range - Operating
-40°C to +85°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-93301-002
Product Specification
PS-93301-001
Sales Drawing
SD-93301-001, SD-93301-003, SD-93301-009
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
93301Series
Mates With
93301-0101 SolarSpec™ DC Panel-Mount
Socket Female Housing
Use With
Crimp Terminals 93302-0003 , 93302-0004
, PV Solar DC Connector Unlock Tool
130203-1250
This document was generated on 01/14/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 93301-0201

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
93301-0101 MOLEX11-93301-0101 Datasheet
53Kb / 1P
   SolarSpec??DC Panel-Mount Socket Female Housing
More results

Description similaire - 93301-0201

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
93301-0101 MOLEX11-93301-0101 Datasheet
53Kb / 1P
   SolarSpec??DC Panel-Mount Socket Female Housing
130244-0204 MOLEX11-130244-0204 Datasheet
58Kb / 2P
   SolarSpec??DC Pin Male Housing, 2.50mm2 (14 AWG) Cable, Bulk Packaging, Cable Opening 7.00mm
130244-1204 MOLEX11-130244-1204 Datasheet
59Kb / 2P
   SolarSpec Pin Male Housing Kit, includes Pin Contact, 2.50mm2 (14 AWG) Cable Cable Opening 7.00mm
130244-0202 MOLEX11-130244-0202 Datasheet
58Kb / 2P
   SolarSpec??DC Pin Male Housing, 4.00 to 6.00mm2 (10-12 AWG) Cable, Bulk Packaging, Cable Opening 8.40mm
logo
TE Connectivity Ltd
C-293598 TEC-C-293598 Datasheet
584Kb / 4P
   PIN HOUSING PANEL MOUNT VERSION NECTOR* M-LINE
logo
Molex Electronics Ltd.
130244-1202 MOLEX11-130244-1202 Datasheet
59Kb / 2P
   SolarSpec Pin Male Housing Kit, 5 pieces, includes Pin Contact, 4.00 to 6.00mm2 (10-12 AWG) Cable, Cable Opening 8.40mm
logo
TE Connectivity Ltd
C-293674 TEC-C-293674 Datasheet
1Mb / 3P
   PIN HOUSING 6 POLES PANEL MOUNT M-LINE NECTOR
C-293774 TEC-C-293774 Datasheet
1Mb / 3P
   PIN HOUSING 7 POLES PANEL MOUNT M-LINE NECTOR
logo
Assmann Electronics Inc...
A-P07PMMS-SC-WP-R ASSMANN-A-P07PMMS-SC-WP-R Datasheet
274Kb / 1P
   WATERPROOF POWER CONNECTOR 7 PIN (8A), MALE, PANEL MOUNT
A-P04PMMS-SC-WP-R ASSMANN-A-P04PMMS-SC-WP-R Datasheet
265Kb / 1P
   WATERPROOF POWER CONNECTOR 4 PIN (12A), MALE, PANEL MOUNT
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com